Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBM360VBF_R1_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # SBM360VBF_R1_00001
Description  ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBM360VBF_R1_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  SBM360VBF_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. SBM360VBF_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. SBM360VBF_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. SBM360VBF_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. SBM360VBF_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PSBM360VBF
July 27,2016-REV.00
Page 4
Part No Packing Code Version
Part No Packing Code
Package Type
Packing Type
Marking
Version
SBM360VBF_R1_00001
SMBF
1.5K pcs / 7
” reel
SBM360VBF
Halogen free
SBM360VBF_R2_00001
SMBF
5K pcs / 13
” reel
SBM360VBF
Halogen free
Mounting Pad Layout


Similar Part No. - SBM360VBF_R1_00001

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SBM36PT CHENMKO-SBM36PT Datasheet
87Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SBM36VAFC-AU PANJIT-SBM36VAFC-AU Datasheet
425Kb / 5P
   Surface Mount Extreme Low Vf Schottky Barrier Rectifier
July 4,2020 SBM36VAFC-AU-REV.00
SBM36VAFC-AU_R1_000A1 PANJIT-SBM36VAFC-AU_R1_000A1 Datasheet
425Kb / 5P
   Surface Mount Extreme Low Vf Schottky Barrier Rectifier
July 4,2020 SBM36VAFC-AU-REV.00
More results

Similar Description - SBM360VBF_R1_00001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SB1245 FAIRCHILD-SB1245 Datasheet
145Kb / 4P
   Ultra Low VF Schottky Barrier Rectifier
logo
Pan Jit International I...
SXM34AVF-AU PANJIT-SXM34AVF-AU_16 Datasheet
385Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF PANJIT-SXM36VF_16 Datasheet
366Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SBT10100UYT PANJIT-SBT10100UYT_16 Datasheet
201Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SR34LF PANJIT-SR34LF_16 Datasheet
363Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
MB420L PANJIT-MB420L Datasheet
266Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SRT8100LF PANJIT-SRT8100LF_16 Datasheet
259Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100V PANJIT-SVT8100V Datasheet
228Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SVT8100VB PANJIT-SVT8100VB Datasheet
229Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SV1580VB PANJIT-SV1580VB Datasheet
251Kb / 5P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
SXM36VF-AU PANJIT-SXM36VF-AU_16 Datasheet
367Kb / 6P
   ULTRA LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com