Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT3100XSS_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBT3100XSS_R2_00001
Description  EXTREME LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBT3100XSS_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBT3100XSS_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SBT3100XSS_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SBT3100XSS_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SBT3100XSS_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSBT3100XSS
December 25,2015-REV.00
Page 1
1
2
C a t h o d e
A n o d e
EXTREME LOW VF SCHOTTKY RECTIFIER
Voltage
100 V
Current
3 A
0.052(1.3)
0.048(1.2)
0.210(5.3)
0.188(4.8)
Features
Extreme low forward voltage drop, low power loss
High efficiency operation
Lead free in compliance with EU RoHS 2011/65/EU directive.
Mechanical Data
Case: Molded plastic, DO-201AD
Terminals: Axial leads,solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Approx. Weight: 0.0402 ounces, 1.142 grams
Marking: Part number
Note : 1. The testing condition of the thermal resistance (junction to lead) is based on 10mm lead length
between two 10 x 10cm copper pad heatsinks.
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum rms voltage
VRMS
70
V
Maximum dc blocking voltage
VR
100
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
50
A
Typical thermal resistance
(Note 1)
RθJL
23
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - SBT3100XSS_R2_00001

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SBT30 EIC-SBT30 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Frontier Electronics.
SBT301 FRONTIER-SBT301 Datasheet
141Kb / 2P
   SMD Balun Transformer
SBT301 FRONTIER-SBT301 Datasheet
121Kb / 5P
   Tape and Reel Specifications
SBT301-02 FRONTIER-SBT301-02 Datasheet
141Kb / 2P
   SMD Balun Transformer
SBT301-02 FRONTIER-SBT301-02 Datasheet
187Kb / 2P
   SMD BALUN TRANSFORMER
More results

Similar Description - SBT3100XSS_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBA320AL PANJIT-SBA320AL Datasheet
289Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AF PANJIT-SBA320AF_16 Datasheet
298Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0820AS PANJIT-SBA0820AS Datasheet
204Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520CA PANJIT-SBA0520CA Datasheet
229Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH PANJIT-SBA320AH Datasheet
292Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SR25UF-AU PANJIT-SR25UF-AU Datasheet
129Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA0520Q-AU PANJIT-SBA0520Q-AU Datasheet
167Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBA320AH-AU PANJIT-SBA320AH-AU Datasheet
186Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
February 6,2018-REV.00
SBA520AF PANJIT-SBA520AF_17 Datasheet
288Kb / 5P
   EXTREME LOW VF SCHOTTKY RECTIFIER
SBT20100UFCT PANJIT-SBT20100UFCT_16 Datasheet
281Kb / 4P
   EXTREME LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com