Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGXE160 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EGXE160
Description  Long Life, Downsized, 125?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGXE160 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EGXE160 Datasheet HTML 1Page - United Chemi-Con, Inc. EGXE160 Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long Life, Downsized, 125
GXE
Series
・For automobile modules and other high temperature applications
・Downsize, long life, low impedance and better low temperature characteristics
・Endurance with ripple current : 2,000 to 5,000 hours at 125℃
・Solvent resistant type except 63 to 450V (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
Items
Characteristics
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
10 to 450Vdc
±20% (M)
10 to 100Vdc
10 to 100Vdc
10 to 100Vdc
I=0.03CV or 4
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified time at 125
℃.
Time
φ8 : 2,000hours φ10 : 3,000hours φ12.5 &φ16 : 5,000hours 2,000hours
Capacitance change
Leakage current
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours (500 hours
for 350 to 450Vdc) at 125
℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage
according to Item 4.1 of JIS C 5101-4.
Capacitance change
Leakage current
10V
0.20
10V
3
6
16V
0.16
16V
2
4
25V
0.14
25V
2
4
35V
0.12
35V
2
4
50V
0.10
50V
2
4
63V
0.10
63V
2
4
80V
0.08
80V
2
4
100V
0.08
100V
2
4
160 to 250V
0.20
160 to 250V
3
6
350 to 450V
0.24
350 to 450V
6
-
160 to 450Vdc
160 to 450Vdc
160 to 450Vdc
CV
≦1,000 I=0.1CV+40
CV>1,000
I=0.04CV+100
-40 to +125
℃ (10 to 250Vdc )
 -25 to +125℃ (350 to 450Vdc)
Rated voltage (Vdc)
Rated voltage (Vdc)
tan
δ(Max.)
(at 20
℃, 120Hz)
(at 20
℃, 120Hz)
(at 20
℃, 1 minute)
D.F. (tan
δ)
D.F. (tan
δ)
≦±30% of the initial value
≦300% of the initial specified value
≦The initial specified value
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
≦±20% of the initial value
≦200% of the initial specified value
≦±30% of the initial value
≦300% of the initial specified value
≦The initial specified value
≦500% of the initial specified value
◆DIMENSIONS [mm]
Vent
Sleeve (PET : Orange)
8
0.6
3.5
10
0.6
5.0
12.5
0.6
5.0
16
0.8
7.5
(
φ8 & φ10)
(
φ12.5 & φ16)
Gas escape end seal
Terminal Code : E
L'
15min.
4min.
φD
φd
F
φD'
L'
φD+0.5max.
L+2.0max.
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Terminal code
Voltage code (ex. 10V:100,100V:101)
Series code
Category
E G X E A A A E A A A A A
A A A N
M
14
Please refer to "Product code guide (radial lead type)"
1
2
3
4
56
7
9
10
11 12 13
15 16 17
18
8
Capacitance code (ex. 4.7
µF:4R7,10µF:100,100µF:101)
Lead forming·taping code
Downsized
Higher ripple current
GXE
GPA
P186
189
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGXE160

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGXE160 CHEMI-CON-EGXE160 Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE160 CHEMI-CON-EGXE160 Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE160E CHEMI-CON-EGXE160E Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGXE160E CHEMI-CON-EGXE160E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE160E CHEMI-CON-EGXE160E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results

Similar Description - EGXE160

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGXE800E CHEMI-CON-EGXE800E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE630 CHEMI-CON-EGXE630 Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE101E CHEMI-CON-EGXE101E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE160E CHEMI-CON-EGXE160E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE201E CHEMI-CON-EGXE201E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE401E CHEMI-CON-EGXE401E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGPA500ELL471MK20S CHEMI-CON-EGPA500ELL471MK20S Datasheet
90Kb / 3P
   Long life, Downsized, 125?
EGXE451E CHEMI-CON-EGXE451E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE161E CHEMI-CON-EGXE161E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com