Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EGXE201 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EGXE201
Description  Long Life, Downsized, 125?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EGXE201 Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EGXE201 Datasheet HTML 1Page - United Chemi-Con, Inc. EGXE201 Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Long Life, Downsized, 125
GXE
Series
◆STANDARD RATINGS
WV
Part No.
10
220
8
× 12
0.32
340
EGXE100E□□221MH12D
16
25
35
50
63
80
WV
Part No.
80
100
160
200
250
350
400
450
is not solvent resistant.
WV
(Vdc)
Cap
(
µF)
Impedance
(
Ωmax/
100kHz)
20
℃,
Impedance
(
Ωmax/
100kHz)
20
℃,
Rated ripple
current
(mArms/
125
℃,
Note1)
Rated ripple
current
(mArms/
125
℃,
Note1)
WV
(Vdc)
330
10
× 12.5
0.15
620
EGXE100E□□331MJC5S
470
10
× 12.5
0.15
620
EGXE100E□□471MJC5S
1,000
10
× 20
0.075
950
EGXE100E□□102MJ20S
2,200
12.5
× 25
0.040
1,350
EGXE100E□□222MK25S
3,300
16
× 25
0.031
1,620
EGXE100E□□332ML25S
4,700
16
× 31.5
0.025
1,860
EGXE100E□□472MLN3S
100
8
× 12
0.32
340
EGXE160E
□□101MH12D
220
10
× 12.5
0.15
620
EGXE160E□□221MJC5S
330
10
× 12.5
0.15
620
EGXE160E□□331MJC5S
470
10
× 16
0.094
790
EGXE160E□□471MJ16S
1,000
12.5
× 20
0.058
1,080
EGXE160E□□102MK20S
2,200
16
× 25
0.031
1,620
EGXE160E□□222ML25S
3,300
16
× 31.5
0.025
1,860
EGXE160E□□332MLN3S
100
8
× 12
0.32
340
EGXE250E□□101MH12D
220
10
× 12.5
0.15
620
EGXE250E□□221MJC5S
330
10
× 16
0.094
790
EGXE250E□□331MJ16S
470
10
× 20
0.075
950
EGXE250E□□471MJ20S
1,000
12.5
× 25
0.040
1,350
EGXE250E□□102MK25S
2,200
16
× 31.5
0.025
1,860
EGXE250E□□222MLN3S
100
8
× 12
0.32
340
EGXE350E□□101MH12D
100
10
× 12.5
0.15
620
EGXE350E□□101MJC5S
220
10
× 16
0.094
790
EGXE350E□□221MJ16S
330
10
× 20
0.075
950
EGXE350E□□331MJ20S
470
12.5
× 20
0.058
1,080
EGXE350E□□471MK20S
1,000
16
× 25
0.031
1,620
EGXE350E□□102ML25S
10
8
× 12
0.75
180
EGXE500E□□100MH12D
22
8
× 12
0.50
250
EGXE500E□□220MH12D
33
8
× 12
0.50
280
EGXE500E□□330MH12D
47
8
× 12
0.50
280
EGXE500E□□470MH12D
100
10
× 12.5
0.20
520
EGXE500E□□101MJC5S
220
10
× 20
0.098
880
EGXE500E□□221MJ20S
330
12.5
× 20
0.081
990
EGXE500E□□331MK20S
470
12.5
× 25
0.059
1,150
EGXE500E□□471MK25S
1,000
16
× 31.5
0.032
1,590
EGXE500E□□102MLN3S
33
8
× 12
1.5
150
EGXE630E□□330MH12D
47
10
× 12.5
0.59
530
EGXE630E□□470MJC5S
100
10
× 16
0.41
690
EGXE630E□□101MJ16S
220
12.5
× 20
0.16
1,050
EGXE630E□□221MK20S
330
12.5
× 25
0.12
1,290
EGXE630E□□331MK25S
470
12.5
× 30
0.097
1,460
EGXE630E□□471MK30S
1,000
16
× 31.5
0.059
1,850
EGXE630E□□102MLN3S
22
8
× 12
1.5
150
EGXE800E□□220MH12D
33
10
× 12.5
0.8
480
EGXE800E□□330MJC5S
Case size
47
10
×12.5
0.80
480
EGXE800E□□470MJC5S
100
10
×20
0.39
790
EGXE800E□□101MJ20S
220
12.5
×25
0.18
1,240
EGXE800E□□221MK25S
330
12.5
×30
0.16
1,390
EGXE800E□□331MK30S
470
16
×25
0.11
1,500
EGXE800E□□471ML25S
4.7
8
×12
2.0
130
EGXE101E□□4R7MH12D
10
8
×12
1.5
150
EGXE101E□□100MH12D
22
10
×12.5
0.80
480
EGXE101E□□220MJC5S
33
10
×12.5
0.80
480
EGXE101E□□330MJC5S
47
10
×16
0.55
630
EGXE101E□□470MJ16S
100
12.5
×20
0.25
990
EGXE101E□□101MK20S
220
16
×25
0.11
1,500
EGXE101E□□221ML25S
330
16
×31.5
0.079
1,790
EGXE101E□□331MLN3S
22
10
×20
-
115
EGXE161E□□220MJ20S
33
10
×25
-
154
EGXE161E□□330MJ25S
47
12.5
×20
-
187
EGXE161E□□470MK20S
68
12.5
×25
-
245
EGXE161E□□680MK25S
100
16
×25
-
329
EGXE161E□□101ML25S
150
16
×31.5
-
434
EGXE161E□□151MLN3S
10
10
×20
-
78
EGXE201E□□100MJ20S
22
10
×25
-
126
EGXE201E□□220MJ25S
33
12.5
×20
-
157
EGXE201E□□330MK20S
47
12.5
×25
-
204
EGXE201E□□470MK25S
68
16
×20
-
250
EGXE201E□□680ML20S
100
16
×25
-
329
EGXE201E□□101ML25S
10
10
×20
-
78
EGXE251E□□100MJ20S
22
12.5
×20
-
128
EGXE251E□□220MK20S
33
12.5
×25
-
171
EGXE251E□□330MK25S
47
16
×25
-
225
EGXE251E□□470ML25S
68
16
×31.5
-
292
EGXE251E□□680MLN3S
4.7
10
×20
-
53
EGXE351E□□4R7MJ20S
10
10
×25
-
85
EGXE351E□□100MJ25S
22
12.5
×25
-
139
EGXE351E□□220MK25S
33
16
×25
-
189
EGXE351E□□330ML25S
47
16
×31.5
-
243
EGXE351E□□470MLN3S
4.7
10
×20
-
53
EGXE401E□□4R7MJ20S
10
10
×25
-
86
EGXE401E□□100MJ25S
22
12.5
×30
-
142
EGXE401E□□220MK30S
33
16
×25
-
189
EGXE401E□□330ML25S
47
16
×31.5
-
243
EGXE401E□□470MLN3S
4.7
10
×25
-
58
EGXE451E□□4R7MJ25S
10
12.5
×20
-
86
EGXE451E□□100MK20S
22
16
×25
-
154
EGXE451E□□220ML25S
33
16
×31.5
-
203
EGXE451E□□330MLN3S
φD
×L(mm)
Case size
φD
×L(mm)
Cap
(
µF)
□□ : Enter the appropriate lead forming or taping code.
(Note1) Ripple current frequency
10 to 100V = 100kHz
160 to 450V = 120Hz
◆RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
1k
0.75
0.85
0.87
0.90
0.95
Frequency (Hz)
4.7 to 100
220 to 470
1,000
2,200 to 3,300
4,700
50
0.75
0.80
120
1.00
1.00
300
1.25
1.15
10k
1.75
1.40
100k
1.80
1.50
1k
1.50
1.30
Frequency (Hz)
4.7 to 33
47 to 150
(10 to 100Vdc)
(160 to 450Vdc)
Capacitance (
µF)
Capacitance (
µF)
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
190
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EGXE201

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGXE201E CHEMI-CON-EGXE201E Datasheet
49Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EGXE201E CHEMI-CON-EGXE201E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE201E CHEMI-CON-EGXE201E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results

Similar Description - EGXE201

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EGXE350E CHEMI-CON-EGXE350E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE630 CHEMI-CON-EGXE630 Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE101E CHEMI-CON-EGXE101E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE160E CHEMI-CON-EGXE160E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE250E CHEMI-CON-EGXE250E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE201E CHEMI-CON-EGXE201E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE401E CHEMI-CON-EGXE401E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGPA500ELL471MK20S CHEMI-CON-EGPA500ELL471MK20S Datasheet
90Kb / 3P
   Long life, Downsized, 125?
EGXE451E CHEMI-CON-EGXE451E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
EGXE161E CHEMI-CON-EGXE161E Datasheet
374Kb / 2P
   Long Life, Downsized, 125?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com