Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMR181VSN222MA40S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMR181VSN222MA40S
Description  Downsized snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMR181VSN222MA40S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMR181VSN222MA40S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMR181VSN222MA40S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMR181VSN222MA40S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMR
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Rated ripple
current
(Arms/105
℃,120Hz)
Part No.
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Rated ripple
current
(Arms/105
℃,120Hz)
Part No.
350
820
1,000
1,200
120
180
180
220
220
270
270
270
270
330
330
330
330
390
390
470
470
470
560
560
680
680
820
820
1,000
120
150
150
180
180
220
220
220
220
270
35
×40
35
×45
35
×50
22
×25
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
35
×25
25.4
×45
30
×35
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
35
×50
35
×50
22
×30
25.4
×25
22
×35
25.4
×30
22
×40
22
×45
25.4
×35
30
×25
22
×50
2.23
2.54
2.86
0.75
0.96
0.94
1.09
1.07
1.24
1.26
1.23
1.16
1.44
1.40
1.31
1.27
1.55
1.49
1.74
1.69
1.58
1.91
1.76
2.15
2.03
2.30
2.37
2.50
0.78
0.91
0.89
1.03
1.00
1.16
1.19
1.16
1.11
1.36
EKMR351VSN821MA40S
EKMR351VSN102MA45S
EKMR351VSN122MA50S
EKMR401VSN121MP25S
EKMR401VSN181MP30S
EKMR401VSN181MQ25S
EKMR401VSN221MP35S
EKMR401VSN221MQ30S
EKMR401VSN271MP40S
EKMR401VSN271MP45S
EKMR401VSN271MQ35S
EKMR401VSN271MR25S
EKMR401VSN331MP50S
EKMR401VSN331MQ40S
EKMR401VSN331MR30S
EKMR401VSN331MA25S
EKMR401VSN391MQ45S
EKMR401VSN391MR35S
EKMR401VSN471MQ50S
EKMR401VSN471MR40S
EKMR401VSN471MA30S
EKMR401VSN561MR45S
EKMR401VSN561MA35S
EKMR401VSN681MR50S
EKMR401VSN681MA40S
EKMR401VSN821MA45S
EKMR401VSN821MA50S
EKMR401VSN102MA50S
EKMR421VSN121MP25S
EKMR421VSN151MP30S
EKMR421VSN151MQ25S
EKMR421VSN181MP35S
EKMR421VSN181MQ30S
EKMR421VSN221MP40S
EKMR421VSN221MP45S
EKMR421VSN221MQ35S
EKMR421VSN221MR25S
EKMR421VSN271MP50S
270
270
270
330
330
390
390
390
470
470
560
560
680
820
100
120
150
150
180
180
220
220
220
270
270
270
270
270
330
330
330
390
470
470
470
560
560
680
25.4
×40
30
×30
35
×25
25.4
×45
30
×35
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×35
25.4
×25
22
×40
25.4
×30
22
×45
25.4
×35
30
×25
22
×50
25.4
×40
25.4
×45
30
×30
35
×25
25.4
×50
30
×35
35
×30
30
×40
30
×45
30
×50
35
×35
35
×40
35
×45
35
×50
1.32
1.26
1.26
1.49
1.45
1.66
1.63
1.58
1.85
1.77
2.07
2.02
2.29
2.59
0.71
0.82
0.94
0.89
1.05
1.00
1.19
1.16
1.11
1.36
1.32
1.35
1.26
1.26
1.52
1.45
1.45
1.63
1.85
1.90
1.77
2.02
2.08
2.36
EKMR421VSN271MQ40S
EKMR421VSN271MR30S
EKMR421VSN271MA25S
EKMR421VSN331MQ45S
EKMR421VSN331MR35S
EKMR421VSN391MQ50S
EKMR421VSN391MR40S
EKMR421VSN391MA30S
EKMR421VSN471MR45S
EKMR421VSN471MA35S
EKMR421VSN561MR50S
EKMR421VSN561MA40S
EKMR421VSN681MA45S
EKMR421VSN821MA50S
EKMR451VSN101MP25S
EKMR451VSN121MP30S
EKMR451VSN151MP35S
EKMR451VSN151MQ25S
EKMR451VSN181MP40S
EKMR451VSN181MQ30S
EKMR451VSN221MP45S
EKMR451VSN221MQ35S
EKMR451VSN221MR25S
EKMR451VSN271MP50S
EKMR451VSN271MQ40S
EKMR451VSN271MQ45S
EKMR451VSN271MR30S
EKMR451VSN271MA25S
EKMR451VSN331MQ50S
EKMR451VSN331MR35S
EKMR451VSN331MA30S
EKMR451VSN391MR40S
EKMR451VSN471MR45S
EKMR451VSN471MR50S
EKMR451VSN471MA35S
EKMR451VSN561MA40S
EKMR451VSN561MA45S
EKMR451VSN681MA50S
400
420
420
450
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency(Hz)
160 to 250Vdc
315 to 450Vdc
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
214
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMR181VSN222MA40S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMR181VSN222MA40S CHEMI-CON-EKMR181VSN222MA40S Datasheet
77Kb / 3P
   Aluminum Electrolytic Capacitor
More results

Similar Description - EKMR181VSN222MA40S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMS181 CHEMI-CON-EKMS181 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMQ161VSN CHEMI-CON-EKMQ161VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105
EKMS401 CHEMI-CON-EKMS401 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMS3B1 CHEMI-CON-EKMS3B1 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMQ421VSN CHEMI-CON-EKMQ421VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105?
EKMQ350VSN CHEMI-CON-EKMQ350VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105..
EKMR161 CHEMI-CON-EKMR161 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR401 CHEMI-CON-EKMR401 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR351 CHEMI-CON-EKMR351 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMS201 CHEMI-CON-EKMS201 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com