Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMS251VSN681MA25S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKMS251VSN681MA25S
Description  Downsized snap-ins, 105?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMS251VSN681MA25S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKMS251VSN681MA25S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMS251VSN681MA25S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMS251VSN681MA25S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized snap-ins, 105
KMS
Series
◆STANDARD RATINGS
WV
(Vdc)
Cap
(
µF)
Case size
φD
×L(mm)
tan
δ
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
400
420
450
WV
(Vdc)
Cap
(
µF)
Case size
φD
×L(mm)
tan
δ
Rated ripple
current
(Arms/
105
℃,120Hz)
Part No.
450
390
390
470
470
560
560
560
680
680
820
100
120
120
150
180
180
180
220
220
220
220
270
270
270
330
330
330
330
390
390
470
470
560
680
82
120
120
120
150
150
180
180
180
220
220
220
220
270
270
270
270
330
390
390
390
470
470
560
47
56
68
82
82
100
100
120
120
120
150
150
150
180
180
180
220
220
270
270
330
390
470
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
1.06
1.06
1.20
1.20
1.18
1.24
1.36
1.38
1.34
1.40
1.52
1.70
1.73
1.71
1.95
1.99
2.22
0.51
0.58
0.65
0.72
0.74
0.83
0.82
0.93
0.93
0.91
1.08
1.04
0.99
1.20
1.17
1.10
1.33
1.23
1.50
1.42
1.60
1.78
2.03
EKMS451VSN181MQ35S
EKMS451VSN181MR25S
EKMS451VSN221MP50S
EKMS451VSN221MQ40S
EKMS451VSN221MR30S
EKMS451VSN221MA25S
EKMS451VSN271MQ45S
EKMS451VSN271MQ50S
EKMS451VSN271MR35S
EKMS451VSN271MA30S
EKMS451VSN331MR40S
EKMS451VSN391MR45S
EKMS451VSN391MR50S
EKMS451VSN391MA35S
EKMS451VSN471MA40S
EKMS451VSN471MA45S
EKMS451VSN561MA50S
EKMS501VSN470MP25S
EKMS501VSN560MP30S
EKMS501VSN680MQ25S
EKMS501VSN820MP35S
EKMS501VSN820MQ30S
EKMS501VSN101MP45S
EKMS501VSN101MR25S
EKMS501VSN121MP50S
EKMS501VSN121MQ35S
EKMS501VSN121MR30S
EKMS501VSN151MQ45S
EKMS501VSN151MR35S
EKMS501VSN151MA25S
EKMS501VSN181MQ50S
EKMS501VSN181MR40S
EKMS501VSN181MA30S
EKMS501VSN221MR45S
EKMS501VSN221MA35S
EKMS501VSN271MR50S
EKMS501VSN271MA40S
EKMS501VSN331MA45S
EKMS501VSN391MA50S
EKMS501VSN471MA60S
25.4
×35
30
×25
22
×50
25.4
×40
30
×30
35
×25
25.4
×45
25.4
×50
30
×35
35
×30
30
×40
30
×45
30
×50
35
×35
35
×40
35
×45
35
×50
22
×25
22
×30
25.4
×25
22
×35
25.4
×30
22
×45
30
×25
22
×50
25.4
×35
30
×30
25.4
×45
30
×35
35
×25
25.4
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
35
×60
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
1.66
1.61
1.82
1.85
2.04
2.07
2.05
2.34
2.40
2.69
0.70
0.81
0.81
0.93
1.04
1.02
1.06
1.17
1.20
1.18
1.18
1.33
1.36
1.38
1.52
1.48
1.52
1.55
1.70
1.71
1.90
1.95
2.17
2.45
0.64
0.81
0.83
0.81
0.94
0.93
1.06
EKMS401VSN391MQ50S
EKMS401VSN391MR35S
EKMS401VSN471MR40S
EKMS401VSN471MA30S
EKMS401VSN561MR45S
EKMS401VSN561MR50S
EKMS401VSN561MA35S
EKMS401VSN681MA40S
EKMS401VSN681MA45S
EKMS401VSN821MA50S
EKMS421VSN101MP25S
EKMS421VSN121MP30S
EKMS421VSN121MQ25S
EKMS421VSN151MP35S
EKMS421VSN181MP40S
EKMS421VSN181MQ30S
EKMS421VSN181MR25S
EKMS421VSN221MP45S
EKMS421VSN221MP50S
EKMS421VSN221MQ35S
EKMS421VSN221MR30S
EKMS421VSN271MQ40S
EKMS421VSN271MQ45S
EKMS421VSN271MA25S
EKMS421VSN331MQ50S
EKMS421VSN331MR35S
EKMS421VSN331MR40S
EKMS421VSN331MA30S
EKMS421VSN391MR45S
EKMS421VSN391MA35S
EKMS421VSN471MR50S
EKMS421VSN471MA40S
EKMS421VSN561MA45S
EKMS421VSN681MA50S
EKMS451VSN820MP25S
EKMS451VSN121MP30S
EKMS451VSN121MP35S
EKMS451VSN121MQ25S
EKMS451VSN151MP40S
EKMS451VSN151MQ30S
EKMS451VSN181MP45S
25.4
×50
30
×35
30
×40
35
×30
30
×45
30
×50
35
×35
35
×40
35
×45
35
×50
22
×25
22
×30
25.4
×25
22
×35
22
×40
25.4
×30
30
×25
22
×45
22
×50
25.4
×35
30
×30
25.4
×40
25.4
×45
35
×25
25.4
×50
30
×35
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
22
×25
22
×30
22
×35
25.4
×25
22
×40
25.4
×30
22
×45
500
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency(Hz)
160 to 250Vdc
315 to 450Vdc
500Vdc
50
0.81
0.77
0.70
120
1.00
1.00
1.00
300
1.17
1.16
1.16
1k
1.32
1.30
1.30
10k
1.45
1.41
1.41
50k
1.50
1.43
1.43
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple
current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has
to be reduced.
227
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMS251VSN681MA25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMS251VSN681MA25S ETC2-EKMS251VSN681MA25S Datasheet
274Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMS251VSN681MA25S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMS181 CHEMI-CON-EKMS181 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMQ161VSN CHEMI-CON-EKMQ161VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105
EKMS401 CHEMI-CON-EKMS401 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMS3B1 CHEMI-CON-EKMS3B1 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMR181 CHEMI-CON-EKMR181 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMQ421VSN CHEMI-CON-EKMQ421VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105?
EKMQ350VSN CHEMI-CON-EKMQ350VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105..
EKMR161 CHEMI-CON-EKMR161 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR401 CHEMI-CON-EKMR401 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR351 CHEMI-CON-EKMR351 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMS201 CHEMI-CON-EKMS201 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com