Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4508 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4508
Description  20-W 24-V Input Isolated DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4508 Datasheet(HTML) 5 Page - Texas Instruments

  PT4508 Datasheet HTML 1Page - Texas Instruments PT4508 Datasheet HTML 2Page - Texas Instruments PT4508 Datasheet HTML 3Page - Texas Instruments PT4508 Datasheet HTML 4Page - Texas Instruments PT4508 Datasheet HTML 5Page - Texas Instruments PT4508 Datasheet HTML 6Page - Texas Instruments PT4508 Datasheet HTML 7Page - Texas Instruments PT4508 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Adjusting the Output Voltage of the PT4500/
PT4520 Series of Isolated DC/DC Converters
The factory pre-set output voltage of TI’s PT4500 and
PT4520 series of isolated DC/DC converters may be
adjusted within a nominal ±10% range. Adjustment is made
from the secondary side of the regulator1 with a single
external resistor. For the input voltage range specified in
the data sheet Table 2-1 gives the allowable adjustment
range for each model, as Vo (min) and Vo (max).
Adjust Up:
An increase in the output voltage is obtained
by adding a resistor, R2 between Vo Adjust (pin 12), and
–Vout (pin 7, 8).
Adjust Down:
Add a resistor (R1), between Vo Adjust (pin 12),
and +Vout (pin 9, 10).
Refer to Figure 2-1 and Table 2-2 for both the placement
and value of the required resistor, (R1) or R2.
Notes:
1. The PT4500 and PT4520 series of DC/DC converters
incorporate isolation between the ±Vin and ±Vo
terminals. Adjustment of the output voltage is made
to the regulation circuit on the secondary or output
side of the converter.
2. The maximum rated output power for this series is
20W. An increase in the output voltage may therefore
require a corresponding reduction in the maximum
output current (
see Table 2-1). The revised maximum
output current must be determined as follows.
Io(max) =
20
A,
or 5A, whichever is less.
Va
Where Va is the adjusted ouput voltage.
3. Use only a single 1% resistor in either the (R1) or R2
location. Place the resistor as close to the module as
possible.
Table 2-1
DC/DC CONVERTER ADJUSTMENT RANGE AND FORMULA PARAMETERS
Series Pt #
48V Bus
PT4529
PT4526
PT4527
PT4528
PT4521
PT4522
PT4523
PT4524
24V Bus
PT4509
PT4506
PT4507
PT4508
PT4501
PT4502
PT4503
PT4504
Max Current 2
5A
5A
5A
5A
5A
4A
1.6A
1.3A
Vo(nom)
1.2
1.5
1.8
2.5
3.3
5.0
12.0
15.0
Va(min)
1.05
1.35
1.62
2.25
2.95
4.5
10.8
13.5
Va(max)
1.35
1.65
1.98
2.75
3.65
5.5
13.2
16.5
Vr
0.6125
1.225
1.225
1.225
1.225
2.5
2.5
2.5
Ko (V·k
Ω)
34.66
67.07
69.7
64.2
69.3
125.2
139.8
137.6
Rs (k
Ω)
150.0
43.2
110.0
187.0
187.0
187.0
110.0
90.9
Figure 2-1
(R1)
Adj Down
R2
Adjust Up
+V
in
– V
in
+V
o
– V
o
PT4500/4520
+ Vout
–Vout
+Vin
–Vin
Remote
On/Off
V
o (adj)
1
2, 3
4, 5
9,10
7, 8
12
4. Never connect capacitors to Vo adjust. Any
capacitance added to the Vo adjust control pin will
affect the stability of the converter.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulas.
(R1)
=
Ko(Va – Vr) – R
s
k
Vr (Vo – Va)
R2
=
Ko
– Rs
k
(Va – Vo)
Where Vo = Original output voltage
Va = Adjusted output voltage
Vr = Reference voltage (Table 2-1)
Ko = Multiplier constant (Table 2-1)
Rs = Internal series resistance (Table 2-1)
PT4500/4520 Series


Similar Part No. - PT4508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4508 TI1-PT4508 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4508A TI1-PT4508A Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4508

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
   20 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com