Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F8A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # F8A
Description  Surface Mount Glass Passivated Standard Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F8A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  F8A Datasheet HTML 1Page - GOOD-ARK Electronics F8A Datasheet HTML 2Page - GOOD-ARK Electronics F8A Datasheet HTML 3Page - GOOD-ARK Electronics F8A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
F8A thru F10A
Surface Mount Glass Passivated Standard Rectifier
Reverse Voltage 1200~2000V Forward Current 1A
www.goodark.com
1/4
2015.07-Rev.A
Features
• Glass passivated Standard Rectifiers
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Ideal for automated placement
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
eSGA
(SOD‐123FL)
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
F8A
F9A
F10A
Unit
Maximum repetitive peak reverse voltage
1200
1500
2000
Maximum RMS voltage
840
1050
1400
Maximum DC blocking voltage
1200
1500
2000
Maximum average forward rectified current
1.0
()
IFSM
A
TJ, TSTG
°C
g
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Maximum instantaneous
forward voltage
1.0A ,TA=25℃
VF
Volts
Maximum DC reverse current
at rated DC blocking voltage
TA=25℃
IR
µA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
1)
j ti
t
bi t
R
℃/W
70
Parameter
Test Conditions
Symbol
F8A
F9A
F10A
Unit
1.1
5
5.4
Typical thermal resistance1) juntion to ambient
RθJA
℃/W
Note:1),The thermal resistance from junction to ambient,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
70
www.goodark.com
1/4
2015.07-Rev.A


Similar Part No. - F8A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
F8A GOOD-ARK-F8A_15 Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier Reverse Voltage 1200~2000V Forward Current 1A
More results

Similar Description - F8A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
   Standard Surface Mount Glass Passivated Rectifier
Revision: 14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
   Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
   Surface Mount Glass Passivated Standard Rectifier
logo
First Silicon Co., Ltd
G1A FS-G1A Datasheet
556Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
GOOD-ARK Electronics
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
   Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com