Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH2 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # LH2
Description  Surface Mount Glass Passivated High Efficiency Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LH2 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  LH2 Datasheet HTML 1Page - GOOD-ARK Electronics LH2 Datasheet HTML 2Page - GOOD-ARK Electronics LH2 Datasheet HTML 3Page - GOOD-ARK Electronics LH2 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LH1 thru LH7
Surface Mount Glass Passivated High Efficiency Rectifier
Reverse Voltage 50~1000V Forward Current 1A
www.goodark.com
2/4
2014.03-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive 
Peak Forward Surge Current
Figure 3. Typical Reverse Characteristics 
Figure 4. Typical Instantaneous 
Forward Characteristics
Forward Characteristics 
www.goodark.com
2/4
2014.03-Rev.A


Similar Part No. - LH2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH20-10A15 MORNSUN-LH20-10A15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH2

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
PACELEADER INDUSTRIAL
HGL34A PACELEADER-HGL34A Datasheet
161Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
HGL341A PACELEADER-HGL341A Datasheet
629Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
logo
GOOD-ARK Electronics
L2H1 GOOD-ARK-L2H1 Datasheet
191Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Rectron Semiconductor
HFM501 RECTRON-HFM501 Datasheet
34Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012 RECTRON-HFM1012 Datasheet
170Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM101 TAYCHIPST-HFM101 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Rectron Semiconductor
HFM301B RECTRON-HFM301B Datasheet
317Kb / 7P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
HSM101 PACELEADER-HSM101 Datasheet
406Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Rectron Semiconductor
HFM101F RECTRON-HFM101F Datasheet
247Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com