Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFC3C001NUZTCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # EFC3C001NUZTCG
Description  Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EFC3C001NUZTCG Datasheet(HTML) 5 Page - ON Semiconductor

  EFC3C001NUZTCG Datasheet HTML 1Page - ON Semiconductor EFC3C001NUZTCG Datasheet HTML 2Page - ON Semiconductor EFC3C001NUZTCG Datasheet HTML 3Page - ON Semiconductor EFC3C001NUZTCG Datasheet HTML 4Page - ON Semiconductor EFC3C001NUZTCG Datasheet HTML 5Page - ON Semiconductor EFC3C001NUZTCG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EFC3C001NUZ
www.onsemi.com
5
Ambient Temperature, Ta --
C
PT -- Ta
0
0
20
40
0.6
60
80
100
120
140
160
0.2
1.0
1.6
1.2
1.8
Surface mounted on ceramic substrate
(5000mm2
0.8mm)
0.01
7
5
3
2
100
RJA -- Pulse Time
Pulse Time, PT -- s
0.000001
0.00001
0.0001
0.001
23
5 7
0.01
0.1
10
Duty Cycle=0.5
0.2
0.1
0.05
0.02
0.01
Single
Pulse
0.1
23
5 7
2
3
57
23
57
23
57
23
5
7
23
57
1.0
1.0
Surface mounted on ceramic substrate
(5000mm2
0.8mm)
10
0.4
0.8
1.4
7
5
3
2
7
5
3
2
7
5
3
2


Similar Part No. - EFC3C001NUZTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EFC3J018NUZ ONSEMI-EFC3J018NUZ Datasheet
744Kb / 7P
   Power MOSFET for 1-2 Cells Lithium-ion Battery Protection 20 V, 4.7 m廓, 23 A, Dual N-Channel
March 2018 - Rev. 1
EFC3J018NUZTDG ONSEMI-EFC3J018NUZTDG Datasheet
744Kb / 7P
   Power MOSFET for 1-2 Cells Lithium-ion Battery Protection 20 V, 4.7 m廓, 23 A, Dual N-Channel
March 2018 - Rev. 1
More results

Similar Description - EFC3C001NUZTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com