Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-08052-ABA-JP-BA Datasheet(PDF) 1 Page - ON Semiconductor

Part # KAI-08052-ABA-JP-BA
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08052-ABA-JP-BA Datasheet(HTML) 1 Page - ON Semiconductor

  KAI-08052-ABA-JP-BA Datasheet HTML 1Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 2Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 3Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 4Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 5Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 6Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 7Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 8Page - ON Semiconductor KAI-08052-ABA-JP-BA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 0
1
Publication Order Number:
KAI−08052/D
KAI-08052
3296 (H) x 2472 (V)
Interline CCD Image Sensor
Descriptio
n
The KAI−08052 Image Sensor is an 8−megapixel, 4/3” optical
format CCD that provides increased Quantum Efficiency (particularly
for NIR wavelengths) compared to members of the standard 5.5
mm
family.
The sensor shares the same broad dynamic range, excellent imaging
performance, and flexible readout architecture as other members of
the 5.5
mm pixel family. But QE at 820 nm has been approximately
doubled compared to existing devices, enabling enhanced sensitivity
without a corresponding decrease in the Modulation Transfer Function
(MTF) of the device.
The KAI−08052 is available with the Sparse Color Filter Pattern,
which provides a 2x improvement in light sensitivity compared to a
standard color Bayer part.
The KAI−08052 is drop−in compatible with the KAI−08051 Image
Sensor, simplifying adoption by camera manufacturers currently
working with the KAI−08051.
Table 1. GENERAL SPECIFICATIONS
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
3364 (H) x 2520 (V)
Number of Effective Pixels
3320 (H) x 2496 (V)
Number of Active Pixels
3296 (H) x 2472 (V)
Pixel Size
5.5 mm (H) x 5.5 mm (V)
Active Image Size
18.13 mm (H) x 13.60 mm (V)
22.66 mm (diag), 4/3” optical format
Aspect Ratio
4:3
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
35 mV/e
Quantum Efficiency
Pan (−ABA, −QBA)
R, G, B (−FBA, −QBA)
48%, 12%, 5% (535, 850, 920 nm)
42%, 41%, 38% (615, 535, 460 nm)
Read Noise (f = 40 MHz)
10 e
Dark Current
Photodiode / VCCD
1 / 70 electrons/s
Dark Current Doubling Temp.
Photodiode / VCCD
7°C / 9°C
Dynamic Range
66 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
−100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rates
Quad / Dual / Single Output
16 / 8 / 4 fps
Package
68 pin PGA
Cover Glass
AR coated, 2 Sides or Clear Glass
NOTE: All parameters are specified at T = 40°C unless otherwise noted.
www.onsemi.com
Figure 1. KAI−08052 CCD Image Sensor
Features
Increased QE, with 2x Improvement
at 820 nm
Bayer Color, Sparse Color,
and Monochrome Configurations
Progressive Scan Readout
Flexible Readout Architecture
High Sensitivity, Low Noise Architecture
Excellent Smear Performance
Applications
Scientific and Medical Imaging
Intelligent Transportation Systems
Machine Vision
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - KAI-08052-ABA-JP-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050 ONSEMI-KAI-08050 Datasheet
622Kb / 31P
   Interline CCD Image Sensor
September, 2016 ??Rev. 8
KAI-08050-AAA-JP-AE ONSEMI-KAI-08050-AAA-JP-AE Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-AAA-JP-BA ONSEMI-KAI-08050-AAA-JP-BA Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-08050-ABA-JD-AE ONSEMI-KAI-08050-ABA-JD-AE Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
More results

Similar Description - KAI-08052-ABA-JP-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com