Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE2416DXATBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE2416DXATBG
Description  16 kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2416DXATBG Datasheet(HTML) 4 Page - ON Semiconductor

  LE2416DXATBG Datasheet HTML 1Page - ON Semiconductor LE2416DXATBG Datasheet HTML 2Page - ON Semiconductor LE2416DXATBG Datasheet HTML 3Page - ON Semiconductor LE2416DXATBG Datasheet HTML 4Page - ON Semiconductor LE2416DXATBG Datasheet HTML 5Page - ON Semiconductor LE2416DXATBG Datasheet HTML 6Page - ON Semiconductor LE2416DXATBG Datasheet HTML 7Page - ON Semiconductor LE2416DXATBG Datasheet HTML 8Page - ON Semiconductor LE2416DXATBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LE2416DXA
www.onsemi.com
4
Standard (100 kHz)
Parameter
Symbol
Spec.
Unit
min
typ
max
Slave mode SCL clock frequency
fSCLS
0
100
kHz
SCL clock low time
tLOW
4700
ns
SCL clock high time
tHIGH
4000
ns
SDA output delay time
tAA
100
3500
ns
SDA data output hold time
tDH
100
ns
Start condition setup time
tSU.STA
4700
ns
Start condition hold time
tHD.STA
4000
ns
Data in setup time
tSU.DAT
250
ns
Data in hold time
tHD.DAT
0
ns
Stop condition setup time
tSU.STO
4000
ns
SCL SDA rise time
tR
1000
ns
SCL SDA fall time
tF
300
ns
Bus release time
tBUF
4700
ns
Noise suppression time
tSP
50
ns
Write time
tWC
5
ms
AC measurement condition
Input pulse level
0.2
 VCC to 0.8  VCC
Input pulse rise / fall time
20 ns
Output timing reference level
0.5
 VCC
Output load
100 pF


Similar Part No. - LE2416DXATBG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
   Two Wire Serial Interface EEPROM (16k EEPROM)
logo
ON Semiconductor
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
LE24163LBXA ONSEMI-LE24163LBXA Datasheet
160Kb / 15P
   CMOS Serial EEPROM
April, 2014 Rev.1.10
LE24163LBXA-SH ONSEMI-LE24163LBXA-SH Datasheet
160Kb / 15P
   CMOS Serial EEPROM
April, 2014 Rev.1.10
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results

Similar Description - LE2416DXATBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16_05 Datasheet
595Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
CAT24C64 CATALYST-CAT24C64 Datasheet
552Kb / 18P
   64-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com