Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG101UA-3 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # REG101UA-3
Description  DMOS 100mA Low-Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101UA-3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG101UA-3 Datasheet HTML 4Page - Texas Instruments REG101UA-3 Datasheet HTML 5Page - Texas Instruments REG101UA-3 Datasheet HTML 6Page - Texas Instruments REG101UA-3 Datasheet HTML 7Page - Texas Instruments REG101UA-3 Datasheet HTML 8Page - Texas Instruments REG101UA-3 Datasheet HTML 9Page - Texas Instruments REG101UA-3 Datasheet HTML 10Page - Texas Instruments REG101UA-3 Datasheet HTML 11Page - Texas Instruments REG101UA-3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
REG101
8
SBVS026C
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
–50
–25
I
SC
125
180
160
140
120
100
80
60
40
Temperature (
°C)
CURRENT LIMIT vs TEMPERATURE
I
CL
0
255075
100
V
IN = VOUT + 1V
LINE TRANSIENT RESPONSE
50
µs/div
5.3V
V
IN
V
OUT
V
OUT
4.3V
REG101-3.3
I
OUT = 100mA
C
OUT = 0
C
OUT = 10µF
LOAD TRANSIENT RESPONSE
10
µs/div
REG101-3.3
V
IN = 4.3V
100mA
I
OUT
V
OUT
V
OUT
10mA
C
OUT = 0µF
C
OUT = 10µF
TURN-OFF
200
µs/div
V
ENABLE
V
OUT
REG101-3.3
C
NR = 0.01µF
C
OUT = 0µF
R
LOAD = 1600Ω
C
OUT = 10µF
R
LOAD = 33Ω
C
OUT = 1.0µF
R
LOAD = 33Ω
TURN-ON
250
µs/div
V
ENABLE
V
OUT
REG101-3.3
V
IN = VOUT + 1V
C
NR = 0.01µF
C
OUT = 0µF
R
LOAD = 33Ω
C
OUT = 10µF
R
LOAD = 33Ω
C
OUT = 0µF
R
LOAD = 1600Ω
040
20
140
160
80
100
120
60
180
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Output Current (mA)
FOLDBACK CURRENT LIMIT
I
CL
I
SC
REG101-3.3


Similar Part No. - REG101UA-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101UA-3 TI-REG101UA-3 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-3 TI1-REG101UA-3 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
REG101UA-3.0/250 TI-REG101UA-3.0/250 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-3.0/250G4 TI-REG101UA-3.0/250G4 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101UA-3.0/3K TI-REG101UA-3.0/3K Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
More results

Similar Description - REG101UA-3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
   Dual 100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com