Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPS20.241 Datasheet(PDF) 9 Page - Red Lion Controls. Inc

Part # CPS20.241
Description  POWER SUPPLY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CPS20.241 Datasheet(HTML) 9 Page - Red Lion Controls. Inc

Back Button CPS20.241 Datasheet HTML 5Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 6Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 7Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 8Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 9Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 10Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 11Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 12Page - Red Lion Controls. Inc CPS20.241 Datasheet HTML 13Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CPS20.241, CPS20.241-C1
C-Series
24V, 20A, SINGLE PHASE INPUT
9. EFFICIENCY AND POWER LOSSES
AC 100V
AC 120V
AC 230V
Efficiency
typ.
92.0%
92.7%
94.0%
at 24V, 20A
typ.
91.6%
92.4%
94.0%
at 24V, 24A (Power Boost)
Average efficiency*)
typ.
91.3%
92.0%
93.3%
25% at 5A, 25% at 10A,
25% at 15A. 25% at 20A
Power losses
typ.
6.5W
3.9W
2.6W
at 24V, 0A
typ.
21.1W
20.1W
17.0W
at 24V, 10A
typ.
41.7W
37.8W
30.6W
at 24V, 20A
typ.
52.8W
47.4W
36.8W
at 24V, 24A (Power Boost)
*)
The average efficiency is an assumption for a typical application where the power supply is loaded with 25% of the nominal load for 25%
of the time, 50% of the nominal load for another 25% of the time, 75% of the nominal load for another 25% of the time and with 100%
of the nominal load for the rest of the time.
Fig. 9-1 Efficiency vs. output current at 24V,
typ
Fig. 9-2 Losses vs. output current at 24V, typ.
Efficiency
4
6
8 101214
1820
24A
86
87
88
89
90
91
92
93
94%
100Vac
120Vac
230Vac
Output Current
16
22
Power Losses
0 2
6 8
12 14
24A
10
0
20
30
40
60W
18 20
50
9/26
4
10
16
Output Current
22
120Vac
100Vac
230Vac
Fig. 9-3 Efficiency vs. input voltage at 24V,
20A, typ.
Fig. 9-4 Losses vs. input voltage at 24V, 20A,
typ.
Efficiency
120
180
230
264Vac
Power Losses
89
90
91
92
Input Voltage
93
94
95%
120
180
230
264Vac
20
25
30
35
Input Voltage
40
45
50W
100
100
Apr. 2014 / Rev. 1.6 DS-CPS20.241-EN
All parameters are specified at 24V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CPS20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CPS20.241-60 PULS-CPS20.241-60 Datasheet
653Kb / 22P
   DC/DC CONVERTER
CPS20.241-C1 PULS-CPS20.241-C1 Datasheet
718Kb / 26P
   SINGLE PHASE INPUT
CPS20.241-D1 PULS-CPS20.241-D1 Datasheet
678Kb / 25P
   DC/DC CONVERTER
More results

Similar Description - CPS20.241

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
   Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
   Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
   Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com