Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S190-100 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # S190-100
Description  BUSINESS SERVERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

S190-100 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  S190-100 Datasheet HTML 1Page - Fujitsu Component Limited. S190-100 Datasheet HTML 2Page - Fujitsu Component Limited. S190-100 Datasheet HTML 3Page - Fujitsu Component Limited. S190-100 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
⏐ Issue: November⏐ S190 BUSINESS SERVERS
Page 2 / 4
CENTRAL PROCESSORS
Model
Centralprocessors
1)
S190-30
3
S190-40
4
S190-65
6
S190-80
8
S190-100
10
S190-120
12
S190-140
14
S190-150
15
Per central processor
First-level cache (KB)
256
Second-level cache (Mbytes)
2
Addressing width (bit)
24/31
ESA addressing for dataspaces
yes
Real address extension feature
yes
1) All models are equipped with one hot-spare CPU.
INPUT/OUTPUT SYSTEM
Model
Input/output processors
S190-30, -40, -65, -80, -100, -120, -140, -150
max 4
Module type
Channels/increment
Type 2 channels
max. 64/4
Type S channels
max. 256/8
1)
Type F channels
max. 60/2
Type FC channels
max. 32/2
Maximum data rates
Input/output processor
1.8 (GB/s)
Type 2 channel
Block multiplexer mode
4.5 (MB/s)
Type S channel
CNC, CTC mode
17 (MB/s)
CVC mode
4.5 (MB/s)
Type F/FC channel
Bridge mode/ FC mode
100 (MB/s) full duplex
1) 1 type S channel is required for connection of the service/
console processor.
ON/OFF POWER CONTROL
Power Control Interface
Interfaces/increment
PCI
32 to 56/8
ECI
1)
8
OCI
0; 2
1) For power on/off control of GS.
GLOBAL STORAGE
Number
Global Storage units
0, 1, 2
Battery cabinets
0, 1, 2
Dual-write mode
yes
1)
Battery operation (h)
max. 24
GS unit A and GS unit B
GS module type
A
B
C
Chip technology (Mbit)
128
256
512
GS module
Memory configuration (GB)
Type A+B
2, 3, 4, 6, 8
Type B+C
8, 12, 16, 24, 32, 48, 64
1) Symmetrical expansion of GS units A + B required.
SERVICE PROCESSOR
Ports in basic configuration:
1 service processor LAN (CSMA/CD, 10Base-T)
1 service interface (FST)
1 Business Server S190 On/Off
Optional port:
1 service processor LAN (CSMA/CD, 10Base-T)
SERVICE/CONSOLE PROCESSOR
Based on a PC server with ports for:
1 main console ( monitor, keyboard, mouse)
1 printer with parallel interfaces
1 V.24 device (radio clock, ATOP, console)
1 TELESERVICE modem (V.24)
2 service processor LAN (CSMA/CD, 10Base-T)
1 channel type S of the basic cabinet
Optional ports for:
Max. 8 V.24- devices
TYPE S CHANNEL CONVERTER
Ports for:
Number
Type S Channel
2
Type 2 Channel
1)
2
1) For connection of peripherals; block multiplex mode
(data rate: 4.5 MB/s max.).
MAIN MEMORY
Model
MM Module No.
Memory Capacity (GB)
MM Module Type A
Type B
S190-30, -40,
2
4, 8, 12, 16
8, 12, 16, 24, 32
S190-65, -80, -100, -120, -140, -150
4
4, 8, 12, 16, 24, 32
16, 24, 32, 48, 64


Similar Part No. - S190-100

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S1901-06R HARWIN-S1901-06R Datasheet
112Kb / 1P
   SMT MINI BLADE FUSE CLIP (TAPE AND REEL)
S1901-46R HARWIN-S1901-46R Datasheet
112Kb / 1P
   SMT MINI BLADE FUSE CLIP (TAPE AND REEL)
More results

Similar Description - S190-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJSNE AMPHENOL-RJSNE Datasheet
272Kb / 2P
   Network servers
RJSSE AMPHENOL-RJSSE Datasheet
219Kb / 2P
   Network servers
RJHSE AMPHENOL-RJHSE Datasheet
211Kb / 2P
   Network servers
RJE74 AMPHENOL-RJE74 Datasheet
270Kb / 2P
   Network servers
logo
List of Unclassifed Man...
MIL-DTL-26482 ETC2-MIL-DTL-26482 Datasheet
186Kb / 1P
   Connectors Business Unit
MIL-DTL-38999 ETC2-MIL-DTL-38999 Datasheet
192Kb / 1P
   Connectors Business Unit
logo
Total Power Internation...
TPS-120 TOTAL-POWER-TPS-120 Datasheet
1Mb / 4P
   Telecommunications/Business machines
logo
Bel Fuse Inc.
PFE1300-48-054NA BEL-PFE1300-48-054NA Datasheet
2Mb / 23P
   High performance servers
PFE600-12-054XA BEL-PFE600-12-054XA Datasheet
1Mb / 22P
   High performance servers
PFE850-12-054XA BEL-PFE850-12-054XA Datasheet
1Mb / 23P
   High performance servers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com