Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA9588X Datasheet(PDF) 5 Page - Micronas

Part # SDA9588X
Description  Cost-effective Picture-In-Picture ICs
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9588X Datasheet(HTML) 5 Page - Micronas

  SDA9588X Datasheet HTML 1Page - Micronas SDA9588X Datasheet HTML 2Page - Micronas SDA9588X Datasheet HTML 3Page - Micronas SDA9588X Datasheet HTML 4Page - Micronas SDA9588X Datasheet HTML 5Page - Micronas SDA9588X Datasheet HTML 6Page - Micronas SDA9588X Datasheet HTML 7Page - Micronas SDA9588X Datasheet HTML 8Page - Micronas SDA9588X Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
SDA 9488X
SDA 9588X
Features
Micronas
1-5
Preliminary Data Sheet
1Features
• Single chip solution:
– AD-conversion for CVBS or Y/C or YUV1), multistandard color decoding, PLL for
synchronization of inset channel, decimation filtering, embedded memory, RGB-
matrix, DA-conversion, RGB/YUV switch, data-slicer and clock generation
integrated on chip
• Analog inputs:
– 3x CVBS or 1x CVBS and 1x Y/C or 1xYUV (SDA 9588X) alternatively
– Clamping of each input
– All ADCs with 8 bit amplitude resolution
– Automatic Gain Control (AGC) for Y and CVBS
• Inset Synchronization:
– Multiple time constants for reliable synchronization
– Automatic recognition of 625 lines / 525 lines standard
• Color Decoder:
– PAL-B/G, PAL-M, PAL-N(Argentina), PAL60, NTSC-M, NTSC4.4 and SECAM
– Adjustable color saturation
– Hue control for NTSC
– Automatic Chroma Control (-24 dB ... +6 dB)
– Automatic recognition of chroma standards: different search strategies selectable
– Single crystal for all standards
– IF-characteristic compensation filter
• Decimation:
– PIP sizes between 1/81 and 1/9 adjustable with steps of 2 lines and 4 pixel
– Resolution up to 216 luminance and 2x54 chrominance pixels per inset line
– Horizontal and vertical filtering dependent on picture size
• Display Features:
– 7 bit per pixel stored in memory
– Field and joint-line free frame mode display
– Display on VGA and SVGA screen (fH limited to 40kHz)
– 8 different read frequencies for 16:9 compatibility
– Line doubling mode for progressive scan applications
– Freeze picture
– Coarse positioning at 4 corners of the parent picture
– Fine positioning at steps of 4 pixels and 2 lines
• Output signal processing:
–7 Bit DAC
– RGB or YUV switch: insertion of an external source without PIP processing
– Digital interpolation for anti-imaging
1) available with SDA 9588X only


Similar Part No. - SDA9588X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA9589X ETC-SDA9589X Datasheet
2Mb / 102P
   PIP IV Advanced SOPHISTICUS High-End Picture-In-Picture ICs
More results

Similar Description - SDA9588X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA9088 SIEMENS-SDA9088 Datasheet
487Kb / 28P
   Picture-in-Picture Processor
logo
List of Unclassifed Man...
SDA9489X ETC-SDA9489X Datasheet
2Mb / 102P
   PIP IV Advanced SOPHISTICUS High-End Picture-In-Picture ICs
logo
Mitsubishi Electric Sem...
M65669SP MITSUBISHI-M65669SP Datasheet
154Kb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65667FP RENESAS-M65667FP Datasheet
240Kb / 13P
   Picture-in-Picture Signal Processing
M65665DSP RENESAS-M65665DSP Datasheet
304Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Mitsubishi Electric Sem...
M65667SP MITSUBISHI-M65667SP Datasheet
53Kb / 8P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP MITSUBISHI-M65664FP Datasheet
128Kb / 14P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
logo
Renesas Technology Corp
M65665CFP RENESAS-M65665CFP Datasheet
305Kb / 18P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65664FP RENESAS-M65664FP Datasheet
5Mb / 15P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
M65665SP RENESAS-M65665SP Datasheet
6Mb / 16P
   PICTURE-IN-PICTURE SIGNAL PROCESSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com