Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT24K-12GXE4-SC-ZZ-POE Datasheet(PDF) 3 Page - Red Lion Controls. Inc

Part # NT24K-12GXE4-SC-ZZ-POE
Description  Industrial Managed Gigabit PoE Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

NT24K-12GXE4-SC-ZZ-POE Datasheet(HTML) 3 Page - Red Lion Controls. Inc

  NT24K-12GXE4-SC-ZZ-POE Datasheet HTML 1Page - Red Lion Controls. Inc NT24K-12GXE4-SC-ZZ-POE Datasheet HTML 2Page - Red Lion Controls. Inc NT24K-12GXE4-SC-ZZ-POE Datasheet HTML 3Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NT24k-12GX4-POE Specifications
DIMENSIONS
w w w .r edlion.net
Connect. Monitor. Control.
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
All specifications are subject to change. Consult the company website for more information.
ORDERING GUIDE
PART NUMBER
DESCRIPTION
NT24K-12GX4-SC-POE
12-Port Gigabit Managed POE+ Industrial Ethernet Switch (8 10/100/1000BaseT, 4 1000BaseSX, multimode 550m ports)
NT24K-12GXE4-SC-ZZ-POE
12-Port Gigabit Managed POE+ Industrial Ethernet Switch (8 10/100/1000BaseT, 4 1000BaseLX, singlemode ports)
NTCD-CFG
NT24k Configuration Recovery Device
NTPS-24-20
DIN-Rail Power Supply, 20 Amp @ 24VDC
NTPS-48-10
DIN-Rail Power Supply, 10 Amp @ 48VDC
NT24K-NM-PMK
NT24k Non-Modular Panel Mount Kit
Where ZZ=10, 40, or 80
FIBER TRANSCEIVER CHARACTERISTICS
Fiber Mode
MM
SM
SM
SM
Fiber Length*
550m @ 50/125μm
300m @ 62.5/125μm
10 km
40 km
80 km
TX Power Min
-9.5 dBm
-9.5 dBm
-5 dBm
0 dBm
RX Sensitivity Max
-17 dBm
-20 dBm
-23 dBm
-24 dBm
Wavelength
850 nm
1310 nm
1310 nm
1550 nm
Laser Type
VCSEL
FP
DFB
DFB
* Fiber Length distances represent typical performance.
Link budgets should be evaluated based on specific application conditions.
ADLD0423 051916 © 2016 Red Lion Controls, Inc. All rights reserved. Red Lion, the Red Lion logo, N-Tron and Sixnet are
registered trademarks of Red Lion Controls, Inc. All other company and product names are trademarks of their respective owners.
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our automation, Ethernet and
cellular M2M technology enables companies worldwide to gain real-time
data visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the company
has offices across the Americas, Asia-Pacific and Europe. Red Lion is
part of Spectris plc, the productivity-enhancing instrumentation and
controls company. For more information, please visit www.redlion.net.


Similar Part No. - NT24K-12GXE4-SC-ZZ-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-12GXE4-SC-ZZ REDLION-NT24K-12GXE4-SC-ZZ Datasheet
562Kb / 3P
   Industrial Managed Gigabit Ethernet Switch
More results

Similar Description - NT24K-12GXE4-SC-ZZ-POE

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-10FX2-POE REDLION-NT24K-10FX2-POE Datasheet
567Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12SFP-DM4-POE REDLION-NT24K-12SFP-DM4-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14FX6-POE REDLION-NT24K-14FX6-POE Datasheet
586Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-10GX2-POE REDLION-NT24K-10GX2-POE Datasheet
572Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-8TX-POE REDLION-NT24K-8TX-POE Datasheet
514Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-12FX4-POE REDLION-NT24K-12FX4-POE Datasheet
577Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-14GX6-POE REDLION-NT24K-14GX6-POE Datasheet
595Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11GX3-POE REDLION-NT24K-11GX3-POE Datasheet
577Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
NT24K-11FX3-POE REDLION-NT24K-11FX3-POE Datasheet
575Kb / 3P
   Industrial Managed Gigabit PoE Ethernet Switch
logo
ORing Industrial Networ...
IGPS-9842GTP ORING-IGPS-9842GTP Datasheet
2Mb / 6P
   Industrial 14-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com