Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2102N-A01-GQFN24 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CP2102N-A01-GQFN24
Description  USBXpress Family
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102N-A01-GQFN24 Datasheet(HTML) 1 Page - Silicon Laboratories

  CP2102N-A01-GQFN24 Datasheet HTML 1Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 2Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 3Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 4Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 5Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 6Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 7Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 8Page - Silicon Laboratories CP2102N-A01-GQFN24 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
USBXpress™ Family
CP2102N Data Sheet
The CP2102N devices, part of the USBXpress family, are de-
signed to quickly add USB to your applications by eliminating
firmware complexity and reducing development time.
These highly-integrated USB-to-UART bridge controllers provide a simple solution for
updating RS-232 designs to USB using a minimum of components and PCB space.
CP2102N includes a USB 2.0 full-speed function controller, USB transceiver, oscillator,
and Universal Asynchronous Receiver/Transmitter (UART) in packages as small as 3
mm x 3 mm. No other external USB components are required for development. All cus-
tomization and configuration options can be selected using a simple GUI-based config-
urator. By eliminating the need for complex firmware and driver development, the
CP2102N devices enable quick USB connectivity with minimal development effort.
CP2102N is ideal for a wide range of applications, including the following:
KEY FEATURES
• No firmware development required
• Simple GUI-based configurator
• Integrated USB transceiver; no external
resistors required
• Integrated clock; no external crystal
required
• USB 2.0 full-speed compatible
• Data transfer rates up to 3 Mbaud
• USB Battery Charger Detection (USB BCS
1.2 Specification)
• Remote wakeup for waking a suspended
host
• Low operating current : 9.5 mA
• Royalty-free Virtual COM port drivers
• POS terminals
• USB dongles
• Gaming controllers
• Medical equipment
• Data loggers
External RS-232
transceiver or
UART circuitry
External
circuitry for
USB suspend
states
CP2102N
48 MHz
Oscillator
USB Battery
Charger
Detect
Remote
Wakeup
USB Connector
External battery
charging
circuitry
Voltage
Regulator
USB Function
Controller
512 byte
RX Buffer
960 byte
Configuration
Memory
UART
Hardware
Handshaking
RS485
USB
Transceiver
512 byte
TX Buffer
Feature is related to:
UART
USB
Overall System
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0


Similar Part No. - CP2102N-A01-GQFN24

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102N-A01-GQFN24 SILABS-CP2102N-A01-GQFN24 Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
CP2102N-A01-GQFN24R SILABS-CP2102N-A01-GQFN24R Datasheet
193Kb / 5P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability
More results

Similar Description - CP2102N-A01-GQFN24

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
   EmbeddedModem Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
   M68HC11E Family
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com