Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-12-16 Datasheet(PDF) 2 Page - Kemet Corporation

Part # C-12-16
Description  C/CT Series High Current AC, Snap-on Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C-12-16 Datasheet(HTML) 2 Page - Kemet Corporation

  C-12-16 Datasheet HTML 1Page - Kemet Corporation C-12-16 Datasheet HTML 2Page - Kemet Corporation C-12-16 Datasheet HTML 3Page - Kemet Corporation C-12-16 Datasheet HTML 4Page - Kemet Corporation C-12-16 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
SE0204_C_CT • 8/20/2015
Sensors – C/CT Series High Current AC, Snap-on Type
Dimensions in mm
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.3.31 0000SENVOL14E1503H1
NEC TOKIN Sensors Vol.14 17
Alternating Current Sensor(Snap-on Type) C/CT-1216【RoHS Compliant】
Specifications
Item
Unit
Specifications
Comments
Rated current
Arms
120
50Hz/60Hz
Applicable current
Arms
0.1~120
50Hz/60Hz
Output voltage
mV
1000+/-20
Io=50A RL=60Ω f=50Hz
Current transformation ratio
3000
Output protection
V
7.5V
Insulation resistance
≧100
DC500V
Operating temperature range
-20~+60
Strage temperature range
-20℃~+80℃
Outline
This clamp-on current sensor can be used to measure
currents in live wires.
Features
• Compact, slim.
• High performance from its unique design
• Flat temperature characteristics
• Flame retardant
Applications
• xEMS current measurement
• High performance distribution boards
• Industrial machineries
Shape and Dimensions
Output Characteristics
(mm)
23
16
36.7
φ16
l(クロ)
k(シロ)
SC
K
L
140
100000
10000
1000
100
10
1
0.001
0.01
0.1
1
Primary current [A]
10
100
1000
1000
100
60
10
Load resistance(Ω)
Output Characteristics
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2015.3.31 0000SENVOL14E1503H1
NEC TOKIN Sensors Vol.14 17
Alternating Current Sensor(Snap-on Type) C/CT-1216【RoHS Compliant】
Specifications
Item
Unit
Specifications
Comments
Rated current
Arms
120
50Hz/60Hz
Applicable current
Arms
0.1~120
50Hz/60Hz
Output voltage
mV
1000+/-20
Io=50A RL=60Ω f=50Hz
Current transformation ratio
3000
Output protection
V
7.5V
Insulation resistance
≧100
DC500V
Operating temperature range
-20~+60
Strage temperature range
-20℃~+80℃
Outline
This clamp-on current sensor can be used to measure
currents in live wires.
Features
• Compact, slim.
• High performance from its unique design
• Flat temperature characteristics
• Flame retardant
Applications
• xEMS current measurement
• High performance distribution boards
• Industrial machineries
Shape and Dimensions
Output Characteristics
(mm)
23
16
36.7
φ16
l(クロ)
k(シロ)
SC
K
L
140
100000
10000
1000
100
10
1
0.001
0.01
0.1
1
Primary current [A]
10
100
1000
1000
100
60
10
Load resistance(Ω)
Environmental Compliance
All C/CT sensors are RoHS compliant.


Similar Part No. - C-12-16

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
C-120-K PREMO-C-120-K Datasheet
192Kb / 1P
   Coils and Chokes for general use
logo
List of Unclassifed Man...
C-1201E ETC-C-1201E Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-1201E PARALIGHT-C-1201E Datasheet
210Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-1201G ETC-C-1201G Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-1201G PARALIGHT-C-1201G Datasheet
209Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
More results

Similar Description - C-12-16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C-1216 KEMET-C-1216 Datasheet
297Kb / 5P
   High Current AC, Snap-on Type
C-CT-1216 KEMET-C-CT-1216 Datasheet
54Kb / 1P
   KEMET, C/CT-1216, Current, Round - Snap-on, AC, High Performance, Compact, Slim, Flame Retardant
7/05/2020
SE0203-CT KEMET-SE0203-CT Datasheet
297Kb / 5P
   CT Series Low Current AC
CT-06-75 KEMET-CT-06-75 Datasheet
68Kb / 1P
   KEMET, CT, Current, Round - Toroidal, AC, Overcurrent/Currect Detection, High Sensitivity, High Performance
logo
Hammond Manufacturing L...
CT60A HAMMOND-CT60A Datasheet
284Kb / 1P
   Current Transformers - Indoor Toroidal CT Series
logo
Extech Instruments Corp...
CA310 EXTECH-CA310 Datasheet
195Kb / 2P
   300A AC Current Clamp-on
logo
Sharp Corporation
PC733H SHARP-PC733H Datasheet
66Kb / 4P
   High Input Current, AC Input Type Photocoupler
logo
LEM
CT10-T LEM-CT10-T Datasheet
55Kb / 2P
   Current Transducers CT 10-T
CT25-T LEM-CT25-T Datasheet
54Kb / 2P
   Current Transducers CT 25-T
CT5-T LEM-CT5-T Datasheet
56Kb / 2P
   Current Transducers CT 5-T
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com