Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-CAB-400-N-RPXXX-Y Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ANT-CAB-400-N-RPXXX-Y
Description  Antenna Cables
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ANT-CAB-400-N-RPXXX-Y Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ANT-CAB-400-N-RPXXX-Y Datasheet HTML 1Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-CAB-400-N-RPXXX-Y Cable
N-Tron Networking Series
Antenna Cables
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
THE INDUSTRIAL NETWORK COMPANY
ANT-CAB-400-N-RPXXX-Y
www.n-tron.com
RUGGED • RELIABLE • AFFORDABLE
The N-TRON ANT-CAB-400-RPXXX-Y Cable is designed to connect the 702-W or 702M12-W to an antenna with
minimum signal loss and provide maximum durability.
Attenuation and Average Power (20oC)
Frequency (MHz)
Attenuation dB
(100m / 100ft)
Avg. Power (KW)
2500
22.2 / 6.8
0.33
5800
35.5 / 10.8
0.21
Construction
Material
Diameter (mm / in.)
1. Inner Conductor
Copper, Aluminum
2.74 / 0.108
2. Dielectric
Physical Foam Polyethylene
7.24 / 0.285
3. Outer Conductor
Bonded Aluminum Foil + Tinned Copper Braid
8.13 / 0.320
4 Jacket
Black Polyethylene
10.29 / 0.405
Capacitance (pF/m)
77.1
Impedance (ohm)
50
Velocity (%)
85
Inner Conductor DC Resistance (W/km)
2.92
Outer Conductor DC Resistance (W/km)
5.41
Shielding Effectiveness (dB)
>90
Cutoff Frequency
16.2
Peak Power
16KW
Min. Bend Radius (mm / in.)
51 / 2.0
Operating Temp (oC)
-40 to +80
Tensile Strength (kg / lb)
72.6 / 160
N-TRON ANT-CAB-400-N-RPSMA cable for use
with 702-W. N connector is pictured on left and
RP-SMA connector on right
N-TRON ANT-CAB-400-N-RPTNC cable for use
with the 702M12-W. N connector is pictured on left
and RP-TNC connector on right
Electrical Characteristics
Mechanical and Environmental Characteristics
As the global experts in communication, monitoring and control for
industrial automation and networking, Red Lion has been delivering
innovative solutions for over forty years. Our award-winning
technology enables companies worldwide to gain real-time data
visibility that drives productivity. Product brands include Red Lion,
N-Tron and Sixnet. With headquarters in York, Pennsylvania, the
company has offices across the Americas, Asia-Pacific and Europe.
For more information, please visit www.redlion.net. Red Lion is a
Spectris company.
w w w .r edlion.net
Connect. Monitor. Control.
ADLD0257 022014 © 2014 Red Lion Controls
Americas
sales@redlion.net
Asia-Pacific
asia@redlion.net
Europe
Middle East
Africa
europe@redlion.net
+1 (717) 767-6511
ANT-CAB-400-N-RPXXX-Y
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
ANT-CAB-400-N-RPSMA-X ................................... Low loss CA-400 coaxial cable with (1) RP-SMA connector and (1) N Male connector for use with the 702-W
ANT-CAB-400-N-RPTNC-X.................................... Low loss CA-400 coaxial cable with (1) RP-TNC connector and (1) N Male connector for use with the 702M12-W
Where: X=feet (specify length of cable)
please visit us worldwide at www.n-tron.com
® 2012 N-Tron Corporation. N-Tron and the N-Tron logo are trademarks of N-Tron Corporation. Product names mentioned herein are for identification purposes only and may
be trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-Tron
products rests with the end user. N-Tron makes no warranties as to the fitness or suitability of any N-Tron product for any specific application. N-Tron Corporation shall not be liable
for any damage resulting from the installation, use, or misuse of this product. Printed in USA. REV 2012.11.13
N-TRON USA & Corporate Headquarters
3101 International Blvd. Building 6
Mobile, AL 36606 • USA
Phone +1-251-342-2164
Fax +1-251-342-6353
www.n-tron.com
ANT-CAB-400-N-RPXXX-Y
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
ANT-CAB-400-N-RPSMA-X ................................... Low loss CA-400 coaxial cable with (1) RP-SMA connector and (1) N Male connector for use with the 702-W
ANT-CAB-400-N-RPTNC-X.................................... Low loss CA-400 coaxial cable with (1) RP-TNC connector and (1) N Male connector for use with the 702M12-W
Where: X=feet (specify length of cable)
please visit us worldwide at www.n-tron.com
® 2012 N-Tron Corporation. N-Tron and the N-Tron logo are trademarks of N-Tron Corporation. Product names mentioned herein are for identification purposes only and may
be trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-Tron
products rests with the end user. N-Tron makes no warranties as to the fitness or suitability of any N-Tron product for any specific application. N-Tron Corporation shall not be liable
for any damage resulting from the installation, use, or misuse of this product. Printed in USA. REV 2012.11.13
N-TRON USA & Corporate Headquarters
3101 International Blvd. Building 6
Mobile, AL 36606 • USA
Phone +1-251-342-2164
Fax +1-251-342-6353
www.n-tron.com


Similar Part No. - ANT-CAB-400-N-RPXXX-Y

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ANT-CAB-400-N-RPSMA-X REDLION-ANT-CAB-400-N-RPSMA-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
ANT-CAB-400-N-RPSMA-X REDLION-ANT-CAB-400-N-RPSMA-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
ANT-CAB-400-N-RPSMA-X REDLION-ANT-CAB-400-N-RPSMA-X Datasheet
426Kb / 2P
   High Performance Lightning Arrestor
ANT-CAB-400-N-RPTNC-X REDLION-ANT-CAB-400-N-RPTNC-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
ANT-CAB-400-N-RPTNC-X REDLION-ANT-CAB-400-N-RPTNC-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
More results

Similar Description - ANT-CAB-400-N-RPXXX-Y

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
100M-SBSW1-24 ADVANTECH-100M-SBSW1-24 Datasheet
414Kb / 1P
   LMRx Antenna Cables
logo
Suntsu Electronics, Inc...
SCBRF SUNTSU-SCBRF Datasheet
931Kb / 3P
   RF Antenna Cables
logo
PHOENIX CONTACT
106760 PHOENIX-106760 Datasheet
661Kb / 12P
   Mobile antennas and antenna cables
2019-06-05
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
   Computer Cables Adapters Cables
logo
Ultralife Corporation.
CAXXXX ULTRALIFE-CAXXXX Datasheet
475Kb / 3P
   Cables
26 MAY 21 Rev: R
logo
TE Connectivity Ltd
C-2246667 TEC-C-2246667 Datasheet
231Kb / 1P
   DUAL BAND PUCK ANTENNA ASSEMBLY WITH 1.37 AND 1.13 COAX CABLES
logo
Molex Electronics Ltd.
2134993000 MOLEX-2134993000 Datasheet
36Kb / 1P
   GNSS External Antenna, Magnetic Mount, 3.0m Cables with SMA Male Connector
2134993000 MOLEX-2134993000_V01 Datasheet
37Kb / 1P
   GNSS External Antenna, Magnetic Mount, 3.0m Cables with SMA Male Connector
03/28/2022
logo
Hammond Manufacturing L...
VCT HAMMOND-VCT Datasheet
59Kb / 1P
   Chemin de cables pour cables verticaux
logo
Molex Electronics Ltd.
2140483000 MOLEX-2140483000 Datasheet
33Kb / 1P
   ISM/DSRC MIMO External Antenna, 77.00mm Diameter, 3.0m Cables with SMA Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com