Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-CAB-400-N-RPTNC-X Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # ANT-CAB-400-N-RPTNC-X
Description  High Performance Lightning Arrestor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

ANT-CAB-400-N-RPTNC-X Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  ANT-CAB-400-N-RPTNC-X Datasheet HTML 1Page - Red Lion Controls. Inc ANT-CAB-400-N-RPTNC-X Datasheet HTML 2Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ANT-LA6-NFF Lightning Arrestor
N-Tron Networking Series
High Performance Lightning Arrestor
This high-performance lightning arrestor can be used with N-TRON 702-W and
702M12-W Industrial Ethernet Radios. With insertion loss of less than 0.2dB, the
unit provides optimum protection without any overhead. It is light weight and features
a unique DC Blocked Maintenance free design.
Product Features
• Frequency Range
2.0 GHz thru 6.0 GHz
• Return Loss
20 dB typical
• VSWR
1.2:1 Typical (1.3:1 Max)
• Insertion loss
0.2 dB max
• Continuous Power
10 Watt
• Temperature
-45°C to +85°C
• Weatherproof
IP65
• Surge
IEC 61000-4-5 3KA,8/20 micro second waveform
6KA 1.2/50 micro second waveform
Mechanical
Item
Material
Plating
Body
Aluminum
White Cromate
Center Conductor
Be-Cu
Gold Plated
Brass
Silver plated
Insulator
PTFE
---
Seal
Silicone rubber
---
Ordering Information
ANT-LA6-NFF............................................ 2-6 GHz quarter wave lightning arrestor, N-Female to N-Female. Less than 0.2dB insertion loss, IP65, -40 to 85°C.
ANT-CAB-400-N-X .................................... Low loss CA-400 coaxial cable with (2) N Male connectors for use with the ANT-LA6-NFF lightning arrestor.
ANT-CAB-400-N-RPSMA-X ...................... Low loss coaxial cable with one RP-SMA connector and one N Male connector.
e
ht
ot
r
ot
s
e
rr
A
g
ni
nt
h
gi
L
F
F
N
-
6
A
L
-
T
N
A
e
ht
tc
e
n
n
o
c
ot
d
e
s
U
702-W.
ANT-CAB-400-N-RPTNC-X....................... Low loss coaxial cable with one RP-TNC connector and one N Male connector.
e
ht
ot
r
ot
s
e
rr
A
g
ni
nt
h
gi
L
F
F
N
-
6
A
L
-
T
N
A
e
ht
tc
e
n
n
o
c
ot
d
e
s
U
702M12-W.
® 2012 N-TRON Corporation. N-TRON and the N-Tron logo are trademarks of N-TRON Corporation. Product names mentioned herein are for identification purposes only and may be
trademarks and/or registered trademarks of their respective company. Specifications subject to change without notice. The responsibility for the use and application of N-Tron products
rests with the end user. N-Tron makes no warranties as to the fitness or suitability of any N-Tron product for any specific application. N-Tron shall not be liable for any damage resulting
from the installation, use, or misuse of this product. © 2012 N-TRON Corporation. All Rights Reserved. REV 2012.1.13
please visit us worldwide at www.n-tron.com
THE INDUSTRIAL NETWORK COMPANY
ANT-LA6-NFF
Lightening Arrestor for
702-W/702M12-W Series


Similar Part No. - ANT-CAB-400-N-RPTNC-X

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
ANT-CAB-400-N-RPTNC-X REDLION-ANT-CAB-400-N-RPTNC-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
ANT-CAB-400-N-RPTNC-X REDLION-ANT-CAB-400-N-RPTNC-X Datasheet
1Mb / 2P
   Flat Panel Directional Antenna
ANT-CAB-400-N-RPTNC-X REDLION-ANT-CAB-400-N-RPTNC-X Datasheet
447Kb / 1P
   Antenna Cables
More results

Similar Description - ANT-CAB-400-N-RPTNC-X

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NTSA-CAT5E REDLION-NTSA-CAT5E Datasheet
620Kb / 2P
   Surge Arrestor
logo
LUMEX INC.
GT-CM3230L LUMEX-GT-CM3230L Datasheet
57Kb / 1P
   ARRESTOR
GT-BG800L LUMEX-GT-BG800L Datasheet
56Kb / 1P
   AXIAL LEADED, SURGE ARRESTOR
logo
Solid States Devices, I...
T00010 SSDI-T00010_15 Datasheet
50Kb / 1P
   SURGE ARRESTOR MODULE
logo
LUMEX INC.
GT-CM3090L LUMEX-GT-CM3090L Datasheet
58Kb / 1P
   T8x11 CERAMIC ARRESTOR
GT-CM3145L LUMEX-GT-CM3145L Datasheet
56Kb / 1P
   T8xT11 CERAMIC ARRESTOR
logo
Solid States Devices, I...
T00010 SSDI-T00010 Datasheet
50Kb / 1P
   SURGE ARRESTOR MODULE
logo
LUMEX INC.
GT-RLSA140SS LUMEX-GT-RLSA140SS Datasheet
51Kb / 1P
   LIGHT DUTY RADIAL LEADED ARRESTOR
logo
Level One
ANA-6101 LVL1-ANA-6101 Datasheet
270Kb / 2P
   6GHz Outdoor Lighting Arrestor
logo
LUMEX INC.
GT-CM3350L LUMEX-GT-CM3350L Datasheet
56Kb / 1P
   CERAMIC ARRESTOR, 3 LEADED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com