Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN20T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP303LSN20T1G
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN20T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP303LSN20T1G Datasheet HTML 1Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 2Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 3Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 4Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 5Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 6Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 7Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 8Page - ON Semiconductor NCP303LSN20T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
NCP302, NCP303
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Power Supply Voltage (Pin 2)
Vin
12
V
Delay Capacitor Pin Voltage (Pin 5)
VCD
−0.3 to Vin + 0.3
V
Output Voltage (Pin 1)
Complementary, NCP302
N−Channel Open Drain, NCP303
VOUT
−0.3 to Vin + 0.3
−0.3 to 12
V
Output Current (Pin 1) (Note 2)
IOUT
70
mA
Thermal Resistance Junction−to−Air
RqJA
250
°C/W
Maximum Junction Temperature
TJ
+125
°C
Operating Ambient Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Moisture Sensitivity Level (TA = 235°C)
MSL
1
Latchup Performance
Positive
Negative
ILATCHUP
200
200
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. The maximum package power dissipation limit must not be exceeded.
P
D +
T
J(max) *
T
A
RqJA


Similar Part No. - NCP303LSN20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN20T1G ONSEMI-NCP303LSN20T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN20T1G ONSEMI-NCP303LSN20T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SCY99091FCT2G ONSEMI-SCY99091FCT2G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com