Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9808-25CV Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9808-25CV
Description  MICRO POWER VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9808-25CV Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9808-25CV Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9808-25CV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary
RT9808
DS9808-01 January 2002
www.richtek-ic.com.tw
3
Absolute Maximum Ratings
Terminal Voltage (with Respect to GND)
VDD
-0.3V to 6.0V
All Other Inputs
-0.3V to VDD+0.3V
Input Current, VDD
20mA
Output Current, RESET
20mA
Power Dissipation, PD @ TA = 25
°C
SOT-23
0.25W
SOT-89
0.5W
SOT-25
0.25W
Operating Junction Temperature Range
-40
°C ~ 125°C
Storage Temperature Range
-65
°C ~ 125°C
Package Thermal Resistance
SOT-23,
θJA
250
°C /W
SOT-89,
θJC
100
°C /W
SOT-89,
θJA
300
°C /W
SOT-25,
θJA
250
°C /W
Lead Temperature (Soldering, 5sec.)
260
°C
Electrical Characteristics
(VDD = 3.0, unless specified)
Note1: 1.5V ~ 5V, step 0.1V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating VDD (VOUT) Range
VDD
0.9
--
6
V
Supply Current
IDD
VDD = 1.5V ~ 5V, IOUT = 0
--
3
--
µA
Reset Threshold
VTH
TA = 27
°C
--
Note1
--
V
Threshold Voltage Accuracy
∆VTH
TA = 27
°C
--
--
2
%
VCC Drop to Reset Delay
tRD
Drop = -125mV
--
--
20
µS
Reset Active Time Out Period
tRP
VDD
≥ 1.02×VTH
--
200
--
mS
RESET Output Voltage
VOL
VDD < VTH, ISINK > 3.5mA
--
0.4
--
V


Similar Part No. - RT9808-25CV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801ACE RICHTEK-RT9801ACE Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801AGE RICHTEK-RT9801AGE Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
More results

Similar Description - RT9808-25CV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com