Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLLD3320AP-I1 Datasheet(PDF) 2 Page - Kemet Corporation

Part # FLLD3320AP-I1
Description  High current 3-phase EMC Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FLLD3320AP-I1 Datasheet(HTML) 2 Page - Kemet Corporation

  FLLD3320AP-I1 Datasheet HTML 1Page - Kemet Corporation FLLD3320AP-I1 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KEMET EMC Filters
2
FLLD3 … PV
High current 3-phase EMC Filter
November 2015
Mechanical dimensions
L
W
H
U
Y
X
Z
W1 W2
Z
L1
L1
Ø12 (x6)
U
K
J I
I
Ø N
250 to 1000 A
M
K
J I
Ø N
1600 A
2500 A
Ø N
Part Number
Dimensions in mm
L
W
H
L1
W1
W2
U
X
Y
Z
I
J
K
N
M
FLLD3250APVI1
300 180 125 120 205 230
55
5
20
45
15
9
M10
FLLD3320APVI1
300 210 115 120 235 260
60
6
25
45
15
10.5 M12
FLLD3400APVI1
300 210 115 120 235 260
60
6
25
45
15
10.5 M12
FLLD3600APVI1
300 210 135 120 235 260
60
8
25
45
15
10.5 M12
FLLD3800APVI1
350 230 170 145 255 280
60
8
40
55
20
14
M12
FLLD31K0APVI1
350 230 170 145 255 280
60
8
40
55
20
14
M12
FLLD31K6APVI1
400 250 160 170 275 300
60
10
60
95
17
26 26
14
M12
FLLD32K5APVI1
450 300 220 200 330 370 100 15
80
110 20
35 35
14
M12
Tolerances, if not stated, according to: ISO 2768-m
Legal disclaimer notice
All product specifications, statements, information and data (collectively, the “information”)
are subject to change without notice.
All information given herein is believed to be accurate and reliable, but is presented
without guarantee, warranty, or responsibility of any kind, expressed or implied.
Statements of suitability for certain applications are based on our knowledge of typical
operating conditions for such applications, but are not intended to constitute – and we
specifically disclaim – any warranty concerning suitability for a specific customer application
or use.
This information is intended for use only by customers who have the requisite experience
and capability to determine the correct products for their applications. Any technical advice
inferred from this information or otherwise provided by us with reference to the use of our
products is given gratis, and we assume no obligation or liability for the advice given or
results obtained.
Although we design and manufacture our products to the most stringent quality and
safety standards, given the current state of the art, isolated component failures may still
occur. Accordingly, customer applications which require a high degree of reliability or
safety should employ suitable designs or other safeguards (such as installation of
protective circuitry or redundancies) in order to ensure that failure of an electrical
component does not result in a risk of personal injury or property damage.
Although all product-related warnings, cautions and notes must be observed, the
customer should not assume that all safety measures are indicated or that other
measures may not required


Similar Part No. - FLLD3320AP-I1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3320APVI1 KEMET-FLLD3320APVI1 Datasheet
250Kb / 2P
   High-current 3-phase EMC Filter
FLLD3320APXI1 KEMET-FLLD3320APXI1 Datasheet
73Kb / 1P
   KEMET, FLLD3-PV, EMI/RFI Filters, Noise Suppression, 520 VAC, 320 A, 300x210x115mm
More results

Similar Description - FLLD3320AP-I1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FLLD3150APVI2 KEMET-FLLD3150APVI2 Datasheet
250Kb / 2P
   High-current 3-phase EMC Filter
logo
List of Unclassifed Man...
FN3359-600-99 ETC2-FN3359-600-99 Datasheet
227Kb / 4P
   High-current EMC/RFI Filter 3-Phase Filters FN 3359
logo
Schaffner International...
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
logo
Schneider Electric
VW3A31407 SCHNEIDER-VW3A31407 Datasheet
154Kb / 5P
   additionnal EMC input filter - 3- phase supply - 47 A
Apr 20, 2022
VW3A4406 SCHNEIDER-VW3A4406 Datasheet
129Kb / 4P
   additionnal EMC input filter - 3- phase supply - 90 A
Apr 20, 2022
VW3A31406 SCHNEIDER-VW3A31406 Datasheet
154Kb / 5P
   additionnal EMC input filter - 3- phase supply - 25 A
Apr 20, 2022
logo
Schaffner International...
FN-2211 SCHAFFNER-FN-2211 Datasheet
3Mb / 4P
   Compact high current DC EMC/EMI filter
FN-2211-HV SCHAFFNER-FN-2211-HV Datasheet
1Mb / 4P
   Compact high current DC EMC/EMI filter
logo
Schneider Electric
VW3A31404 SCHNEIDER-VW3A31404 Datasheet
154Kb / 5P
   additionnal EMC input filter - 3- phase supply - 15 A
Apr 20, 2022
VW3A31408 SCHNEIDER-VW3A31408 Datasheet
152Kb / 4P
   additionnal EMC input filter - 3- phase supply - 83 A
Apr 20, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com