Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE0502A-0.4PF Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # FE0502A-0.4PF
Description  Bi-directional, Extra Low Capacitance ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FE0502A-0.4PF Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  FE0502A-0.4PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FE0502A-0.4PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FE0502A-0.4PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FE0502A-0.4PF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FE0502A-0.4PF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ordering information
Marking codes
Part No.
Marking
FE0502A
F5
Quantity
10,000pcs / 2mm Pitch Reel
Bi-directional, Extra Low Capacitance ESD Protection
Package information
FE0502A
Pin 1 Mark
Unit : mm
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.45
0.50
0.55
A1
-
0.02
0.05
b
0.45
0.50
0.55
c
0.12
0.15
0.18
D
0.95
1.00
1.05
e
0.65BSC
E
0.55
0.60
0.65
L
0.20
0.25
0.30
L1
0.05REF
h
0.07
0.12
0.17
Futurewafer Technology Co., Ltd
E1606F2A-FW-STD-001


Similar Part No. - FE0502A-0.4PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
   Bi-directional, Extra Low Capacitance ESD Protection
More results

Similar Description - FE0502A-0.4PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05BLC FUTUREWAFER-FESD05BLC Datasheet
920Kb / 4P
   Bi-directional, Extra Low Capacitance ESD Protection
FESD05BLC-0.4PF FUTUREWAFER-FESD05BLC-0.4PF Datasheet
920Kb / 4P
   Bi-directional, Extra Low Capacitance ESD Protection
FE0502A FUTUREWAFER-FE0502A Datasheet
926Kb / 5P
   Bi-directional, Extra Low Capacitance ESD Protection
FESD05LCD FUTUREWAFER-FESD05LCD Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
FESD05LCD-0.8PF FUTUREWAFER-FESD05LCD-0.8PF Datasheet
613Kb / 5P
   Uni-directional, Extra Low Capacitance ESD Protection
logo
SeCoS Halbleitertechnol...
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
   Low Capacitance ESD Protection (Bi-directional)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com