Electronic Components Datasheet Search |
|
PCN1-S24-S15-M Datasheet(PDF) 3 Page - CUI INC |
|
PCN1-S24-S15-M Datasheet(HTML) 3 Page - CUI INC |
3 / 10 page cui.com date 07/26/2016 │ page 3 of 10 CUI Inc │ SERIES: PCN1-M │ DESCRIPTION: DC-DC CONVERTER SOLDERABILITY parameter conditions/description min typ max units reflow soldering see reflow solder profile 245 °C 0 50 100 150 200 250 300 050100 150200 250300 Reflow Time (Seconds) Notes: 1. Soldering paste: SHENMAO PF610-P (Sn/Ag/Cu) 2. Ramp up rate during preheat: 1.79°C/second (from 30°C~155°C) 3. Soaking temperature: 0.33°C/second (from 155°C~185°C) 4. Ramp up rate during reflow: 0.71°C/second (from 220°C~245°C) 5. Peak temperature: 245°C (10 seconds max), above 220°C 40 to 70 seconds 6. Ramp up rate during cooling: -1.75°C/second (from 220°C~150) MECHANICAL parameter conditions/description min typ max units dimensions single output models: 0.54 x 0.36 x 0.29 [13.7 x 9.2 x 7.4 mm] dual output models: 0.64 x 0.36 x 0.29 [16.2 x 9.2 x 7.4 mm] inches inches case material non-conductive black plastic weight single output models dual output models 1.4 1.5 g g MECHANICAL DRAWING PIN CONNECTIONS PIN Function Single 1 -Vin 2 +Vin 3 No pin 4 -Vout 5 +Vout 6 No pin 7 No pin 8 NC 1 2 3 4 8 7 6 5 0.12(3.0) 0.300(7.62) 5-0.024(0.60) 0.100(2.54) 0.54(13.7) 0.39(9.8) 0.44(11.2) 0.100 [2.54] 0.300 [7.62] 0.050 [1.27] Recommended PCB Layout Top View NC=no connection Single output models units: inches [mm] tolerance: X.XX ±0.01 [±0.25] X.XXX ±0.005 [±0.13] pin section tolerance: ±0.002[±0.05] For more information, please visit the product page. |
Similar Part No. - PCN1-S24-S15-M |
|
Similar Description - PCN1-S24-S15-M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |