Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLDO1117QK15TC Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZLDO1117QK15TC
Description  AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO1117QK15TC Datasheet(HTML) 5 Page - Diodes Incorporated

  ZLDO1117QK15TC Datasheet HTML 1Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 2Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 3Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 4Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 5Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 6Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 7Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 8Page - Diodes Incorporated ZLDO1117QK15TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ZLDO1117Q
Document number: DS37075 Rev. 1 - 2
5 of 14
www.diodes.com
April 2016
© Diodes Incorporated
ZLDO1117Q
Typical Characteristics
Output Voltage Variation vs. Temperature
Line Regulation vs. Temperature
Load Regulation vs. Temperature
Drop-Out Voltage vs. Current
Drop-Out Voltage vs. Temperature
Adjust Pin Input Current
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
Adjustable version
ILOAD = 10mA
-0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
-50
-25
0
25
50
75
100
125
Temperature (C)
VOUT+1.5V<VIN<12V, IOUT=10mA
0
0.05
0.1
0.15
0.2
0.25
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN=3.3V, 10mA<IOUT<1A
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
0
0.2
0.4
0.6
0.8
1
IOUT (A)
TJ = 25ºC
∆V
OUT = 1% of VOUT
Dropout vs Temperature
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
Temperature (°C)
IOUT=1A
∆V
OUT = 1% of VOUT
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
125
Temperature (°C)
(°C)


Similar Part No. - ZLDO1117QK15TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117G12TA DIODES-ZLDO1117G12TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117G15TA DIODES-ZLDO1117G15TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
ZLDO1117G18TA DIODES-ZLDO1117G18TA Datasheet
220Kb / 12P
   1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
More results

Similar Description - ZLDO1117QK15TC

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
   1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com