Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL432XQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTL432XQ
Description  AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL432XQ Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTL432XQ Datasheet HTML 1Page - Diodes Incorporated ZTL432XQ Datasheet HTML 2Page - Diodes Incorporated ZTL432XQ Datasheet HTML 3Page - Diodes Incorporated ZTL432XQ Datasheet HTML 4Page - Diodes Incorporated ZTL432XQ Datasheet HTML 5Page - Diodes Incorporated ZTL432XQ Datasheet HTML 6Page - Diodes Incorporated ZTL432XQ Datasheet HTML 7Page - Diodes Incorporated ZTL432XQ Datasheet HTML 8Page - Diodes Incorporated ZTL432XQ Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZTL431xQ/ZTL432xQ
Document number: DS36916 Rev. 2 - 2
1 of 11
www.diodes.com
September 2016
© Diodes Incorporated
ZTL431xQ/ZTL432xQ
AUTOMOTIVE COMPLIANT ADJUSTABLE PRECISION SHUNT REGULATOR
Description
The ZTL431xQ and ZTL432xQ are three terminal adjustable shunt
regulators offering excellent temperature stability and output current
handling capability up to 100mA. The output voltage may be set to
any chosen voltage between 2.5 and 20 volts by selection of two
external divider resistors.
The ZTL432xQ has the same electrical specifications as the
ZTL431xQ but has a different pin out in SOT23 (F-suffix) and
SOT23F (FF-suffix).
Both variants are available in 2 grades with initial tolerances of 1%
and 0.5% for the A and B grades respectively.
These are functionally equivalent to the TL431/TL432 except for
maximum operation voltage, and have an ambient temperature range
of -40°C to +125°C as standard.
The ZTL431xQ and ZTL432xQ are qualified to AEC-Q100 Grade 1
and are Automotive Compliant supporting PPAPs.
Pin Assignments
ZTL431xQF SOT23, ZTL431xQFF SOT23F
(Top View)
ZTL432xQF SOT23, ZTL432xQFF SOT23F
(Top View)
ZTL431xQE5 SOT25
(Top View)
*must be left floating or
connected to pin 5
Typical Application
Features
Temperature Range: -40°C to +125°C
Reference Voltage Tolerance at +25°C
0.5%: B Grade
1%: A Grade
0.2Ω Typical Output Impedance
Sink Current Capability: 1mA to 100mA
Adjustable Output Voltage: VREF to 20V
Green Molding in SOT23, SOT23F and SOT25
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q100 Standards for High Reliability
AEC-Q100 Grade 1
PPAP Capable (Note 4)
Applications
Opto-Coupler Linearization
Linear Regulators
Improved Zener
Variable Reference
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive Compliant products are AEC-Q100 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/.
Anode
Cathode
Ref
2
1
3
Anode
Cathode
Ref
2
1
3
Anode
Cathode
Ref
2
1
3
2
Anode
Cathode
N/C
3
1
5
4 Ref
N/C*


Similar Part No. - ZTL432XQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL432 ZETEX-ZTL432 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL432 ZETEX-ZTL432 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL432 DIODES-ZTL432 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
ZTL432 DIODES-ZTL432 Datasheet
209Kb / 2P
   Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
ZTL432 DIODES-ZTL432 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZTL432XQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ9431Q DIODES-AZ9431Q Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com