Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL611 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL611
Description  RF/IF AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL611 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL611 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL611 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SL610/611 & 612
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Supply voltage VCC: 6V
Ambient temperature: 22
°C ± 2°C
Test frequency: SL610C 30MHz
SL611C 30MHz
SL612C 1.75MHz
Value
Circuit
SL610C
SL611C
SL612C
SL610C
SL611C
SL612C
SL610C
SL611C
SL612C
SL610C
SL611C
SL612C
Characteristics
Supply current
Voltage gain
Cut-off frequency (-3dB)
Max. output signal (max. AGC)
Max.input signal (max. AGC)
AGC range
AGC current
18
24
32
85
50
10
40
40
60
15
15
3.3
20
26
34
120
80
15
1.0
250
50
50
70
0.15
20
20
5
22
28
36
0.6
mA
mA
mA
dB
dB
dB
MHz
MHz
MHz
V rms
mV rms
dB
dB
dB
mA
Units
Min.
Typ.
Max.
Conditions
No signal, Pin 3 open circuit
RS = 50
RL = 22
°C
Tamb = 22
°C
RL = 150
Ω (SL610C/611C)
RL = 1.2k
Ω (SL612C)
Pin 7 0V to 5.1V
Current into pin 7 at 5.1V
APPLICATION NOTES
Input circuit
The SL610C, SL611C and SL612C are normally used with
pins 5 and 6 connected together and with the input connected
via a capacitor as shown in Fig.2.
The input impedance is negative between 30MHz and
100MHz (SL610C, SL611C only) and is shown in Fig.3. The
source and inductive is should be shunted by a 1k
Ω resistor to
prevent oscillation.
An alternative circuit with improved noise figure is shown in
Fig.4.
Output circuit
The output stage is an emitter follower and has a negative
output impedance at certain frequencies as shown in Fig.5.
To prevent oscillation when the load is capacitive a 47
resistor should be conncted in series with the output.
AGC
When pin 7 is open circuit or connected to a voltage less
than 2V the voltage gain is normal. As the AGC voltage is
increased there is a reduction in gain as shown in Fig.6. This
reduction varies with temperature.
Fig.4 Alternative input circuit
4
8
3
5
6
Fig.5 Typical output impedance with s/c input (G22)


Similar Part No. - SL611

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
   400MHZ WIDEBAND AGC AMPLIFIER
logo
Mitel Networks Corporat...
SL6140MP MITEL-SL6140MP Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
SL6140MPTC MITEL-SL6140MPTC Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
SL6140NA MITEL-SL6140NA Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
More results

Similar Description - SL611

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UA703 FAIRCHILD-UA703 Datasheet
145Kb / 3P
   RF-IF AMPLIFIER
logo
Motorola, Inc
MC1590G MOTOROLA-MC1590G Datasheet
517Kb / 8P
   RF/IF/AUDIO AMPLIFIER
logo
Analog Devices
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
NTE Electronics
NTE703A NTE-NTE703A Datasheet
81Kb / 2P
   Linear Integrated Circuit RF−IF Amplifier
NTE1495 NTE-NTE1495 Datasheet
61Kb / 3P
   Integrated Circuit AM RF Mixer, IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com