Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM05D5 Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FM05D5
Description  High watts ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM05D5 Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FM05D5 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM05D5 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM05D5 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FM05D5G
High watts ESD Protection
Feature
With TVS Diode
ESD Protection : Level 4
Low clamping voltage
300 Watts peak pulse power per line (tp=8/20uS)
Ultra low capacitance:30pf max. (any I/O to GND.)
Protection one line I/O port
SOD523-2L
IEC Compatibility
EN61000-4
61000-4-2(ESD):Level 4,Contact:±30kv,Air::±30kv
61000-4-4(EFT):40A-5/50ns
61000-4-5(Surge):12A-8/20us
Mechanical Characteristics
Molded JEDEC SOD523 package
Packging: Tape and Reel
Flammability rating UL 94V-0
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
130
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-55~150
°
C
Applications
Lan equipment
Video
DVI
High Speed Data Line
Ethernet
USB 2.0 Power and Data line Protection
E1606F2A-STD-FW-035
Futurewafer Technology Co., Ltd


Similar Part No. - FM05D5

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FM05D5 FUTUREWAFER-FM05D5 Datasheet
509Kb / 3P
   With TVS Diode
FM05D5G FUTUREWAFER-FM05D5G Datasheet
509Kb / 3P
   With TVS Diode
More results

Similar Description - FM05D5

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD5VB FUTUREWAFER-FESD5VB Datasheet
826Kb / 3P
   High Current ESD Protection
FESD05VM FUTUREWAFER-FESD05VM Datasheet
518Kb / 5P
   High Power ESD Protection
FHC2421D FUTUREWAFER-FHC2421D Datasheet
931Kb / 7P
   High Current ESD Protection
13-DEC-2021 V 2.0
FESD05VM-70PF FUTUREWAFER-FESD05VM-70PF Datasheet
495Kb / 5P
   High Power ESD Protection
FESD5VM FUTUREWAFER-FESD5VM Datasheet
918Kb / 3P
   High Current ESD Protection
FESD05VBL FUTUREWAFER-FESD05VBL Datasheet
1Mb / 8P
   High Current For ESD Protection
13-DEC-2021 V 2.0
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
   ESD Protection
logo
ON Semiconductor
NIV1161 ONSEMI-NIV1161_16 Datasheet
206Kb / 7P
   ESD Protection
March, 2016 ??Rev. 1
logo
SAMYANG ELECTRONICS CO....
SD05 SAMYANG-SD05 Datasheet
1Mb / 5P
   ESD PROTECTION
SM712 SAMYANG-SM712 Datasheet
1Mb / 3P
   ESD PROTECTION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com