Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW4120LC-0.3PF Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # FW4120LC-0.3PF
Description  Ultra Low Capacitance ESD array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FW4120LC-0.3PF Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  FW4120LC-0.3PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FW4120LC-0.3PF Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FW4120LC
Tape & Reel Information
Ultra Low Capacitance ESD array
Part No.
Material
Type
Reel size
MOQ
FW4120LC
Green
T/R
13 inch
6,000 pcs
Futurewafer Technology co., Ltd 台灣未來芯航電股份有限公司
Tel :+886-3-3573583 / Tel :+886-3-3574065
Futurewafer.com.tw
桃園市桃園區中正路
987 巷 50 弄 2 號
E1605F10A-STD-FW-006
Futurewafer Technology Co., Ltd


Similar Part No. - FW4120LC-0.3PF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FW427IPMR-ACTA TI1-FW427IPMR-ACTA Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
logo
Taoglas antenna solutio...
FW43BSMAM TAOGLAS-FW43BSMAM Datasheet
1Mb / 12P
   ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
ON Semiconductor
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
More results

Similar Description - FW4120LC-0.3PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
FWZ5VT FUTUREWAFER-FWZ5VT Datasheet
836Kb / 3P
   Ultra Low Capacitance ESD array
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_08 Datasheet
576Kb / 7P
   Ultra-Low Capacitance ESD Array
2008-10-29
logo
FutureWafer Tech Co.,Lt...
FSRV3.3-4 FUTUREWAFER-FSRV3.3-4 Datasheet
936Kb / 6P
   Ultra Low Capacitance ESD array
FSRV05-4-3PF FUTUREWAFER-FSRV05-4-3PF Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FSRV05-4 FUTUREWAFER-FSRV05-4 Datasheet
972Kb / 5P
   Ultra Low Capacitance ESD array
FESD05LVCA FUTUREWAFER-FESD05LVCA Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
logo
Taiwan Semiconductor Co...
TESDH5V0A TSC-TESDH5V0A Datasheet
376Kb / 4P
   Ultra low capacitance ESD Protection Array
logo
Infineon Technologies A...
ESD5V3U2U INFINEON-ESD5V3U2U Datasheet
558Kb / 8P
   Ultra-Low Capacitance ESD Diode Array
2008-09-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com