Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2300 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC2300
Description  400mA Synchronous PWM Step-Down
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2300 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC2300 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2300 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AIC2300
400mA Synchronous PWM Step-Down
DC/DC Converter
Analog Integrations Corporation
Si-Soft Research Center
DS-2300G-01 20120531
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
2.5V to 5.5V Input Voltage Range
400mA Guaranteed Output Current
Up to 95% Efficiency
Low RDS(ON) Internal Switche: 280mΩ
No Schottky Diode Required
100% Duty Cycle in Low Dropout Operation
Operating Frequency: 1.5MHz
Accurate Reference 0.6V Provides Low
Output Voltages
APPLICATIONS
LCD TV
Multi-function Peripheral
Cellular Phones
CPU I/O Supplies
Cordless Phones
PDAs and Handy-Terminals
Battery-Operated Devices (1 Li-Ion or 3
NiMH/ NiCd)
DESCRIPTION
The
AIC2300
is
a
low-noise,
pulse-width-
modulated (PWM) , DC-DC step-down converter.
The device is available in an adjustable version
and fixed output voltages of 1.0V, 1.2V, 1.8V,
and 3.3V. The device features an internal
synchronous rectifier for high efficiency; it
requires no external Schottky diode. Shutdown
mode places the device in standby, reducing
supply current to under 1µA. Other features of
the
AIC2300
include high efficiency, low
dropout voltage,short circuit protection, over
temperature
protection,
and
over
voltage
protection. It is available in a small 5 pins SOT-
23 package.
APPLICATIONS CIRCUIT
Fig. 1 Fixed Step-Down DC/DC Converter


Similar Part No. - AIC2300

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-10GV5 AIC-AIC2302-10GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-12GV5 AIC-AIC2302-12GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-18GV5 AIC-AIC2302-18GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-33GV5 AIC-AIC2302-33GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
More results

Similar Description - AIC2300

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com