Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2302-10GV5 Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC2302-10GV5
Description  700mA Synchronous PWM Step-Down
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2302-10GV5 Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC2302-10GV5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2302-10GV5 Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AIC2302
11
PHYSICAL DIMENSIONS
 SOT-23-5
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any circuitry other than
circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties that may result from its use. We
reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or systems are
devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
b
WITH PLATING
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
D
AA
SEE VIEW B
e
Note : 1. Refer to JEDEC MO-178AA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.00
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23-5
MILLIMETERS


Similar Part No. - AIC2302-10GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2302-10GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com