Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2300-18GV5 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC2300-18GV5
Description  400mA Synchronous PWM Step-Down
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2300-18GV5 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC2300-18GV5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2300-18GV5 Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AIC2300
10
PHYSICAL DIMENSIONS
 SOT-23-5
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any circuitry other than
circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties that may result from its use. We
reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or systems are
devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose failure to perform, when
properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
b
WITH PLATING
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
D
AA
SEE VIEW B
e
Note : 1. Refer to JEDEC MO-178AA.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.00
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23-5
MILLIMETERS


Similar Part No. - AIC2300-18GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-10GV5 AIC-AIC2302-10GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-12GV5 AIC-AIC2302-12GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-18GV5 AIC-AIC2302-18GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2302-33GV5 AIC-AIC2302-33GV5 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
More results

Similar Description - AIC2300-18GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2350 AIC-AIC2350 Datasheet
211Kb / 12P
   400mA Synchronous PWM/PSM Step-Down
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2302 AIC-AIC2302 Datasheet
204Kb / 11P
   700mA Synchronous PWM Step-Down
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com