Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2302GV5 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC2302GV5
Description  700mA Synchronous PWM Step-Down
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2302GV5 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC2302GV5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2302GV5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AIC2302
5
ELECTRICAL CHARACTERISTICS
(TA=25C, VIN=3.6V unless otherwise specified.) (Note 1)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.5
5.5
V
Output Adjustment Range
VOUT
0.6V
VIN-0.3V
V
Reference Voltage
VREF
0.588
0.6
0.612
V
FB Input Current
VFB = VIN
IFB
-50
50
nA
P-Channel On-Resistance
IOUT = 0.2A
PRDS(ON)
280
390
m
N-Channel On-Resistance
IOUT = 0.2A
NRDS(ON)
250
390
m
LX Leakage Current
VLX=0V or VLX=3.6V
-1
1
uA
Peak Inductor Current
VIN = 5V
IPK
0.9
1.1
A
Quiescent Current
IOUT = 0mA,
VFB=0.78V
IQ
65
85
A
Shutdown Supply Current
EN = GND
ISHDN
0.1
1
A
EN High-Level Input Voltage
VIN=2.5V to 5.5V
VEN_H
1.5
V
EN Low-Level Input Voltage
VIN=2.5V to 5.5V
VEN_L
0.4
V
Oscillator Frequency
fOSC
1.2
1.5
1.8
MHz
Maximum Duty Cycle
DMAX
100
%
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
25
°C
Note 1: Specifications are production tested at TA=25C. Specifications over the -40C to 85C operating tem-
perature range are assured by design, characterization and correlation with Statistical Quality Con-
trols (SQC).


Similar Part No. - AIC2302GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-18GV5 AIC-AIC2300-18GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2300-33GV5 AIC-AIC2300-33GV5 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
More results

Similar Description - AIC2302GV5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Analog Intergrations Co...
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
   Synchronous Step-Down PWM Controller
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Exar Corporation
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
   Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
   Synchronous Step-Down PWM Controller
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6134 EXAR-SP6134 Datasheet
776Kb / 15P
   600kHz Synchronous PWM Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com