Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC2510-33PT5 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC2510-33PT5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510-33PT5 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC2510-33PT5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510-33PT5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AIC2510
4
TYPICAL PERFORMANCE CHARACTERISTICS
10
100
1000
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Vin=24V
VOUT=3.3V version
Vin=18V
Vin=12V
Vin=5V
Load current (mA)
10
100
1000
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Vin=24V
VOUT=5.0V version
Vin=30V
Vin=18V
Vin=12V
Load current (mA)
Fig.1 3.3V version efficiency
Fig.2 5V version efficiency
10
100
1000
45
50
55
60
65
70
75
80
85
90
95
Vin=18V
VOUT=12.0V version
Vin=30V
Vin=24V
Load current (mA)
5
10
15
20
25
30
25
30
35
40
45
50
55
60
65
70
75
80
85
90
Vout=3.3V
Vout=5.0V
Vout=12V
Input Voltage (V)
Fig.3 12V version efficiency
Fig.4 Case temperature vs. input voltage
-60
-40
-20
0
20
40
60
80
100
100
110
120
130
140
150
160
170
180
190
200
T
J
(
oC)
-60
-40
-20
0
20
40
60
80
100
2.8
3.2
3.6
4.0
4.4
4.8
5.2
5.6
6.0
6.4
6.8
Current Limit vs. Temperature
Fig.5 Switching frequency vs. Temperature
Fig.6 Current Limit vs. Temperature
IOUT=3A
TO-263-5


Similar Part No. - AIC2510-33PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510-33PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com