Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD22P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD22P
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD22P Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD22P Datasheet HTML 1Page - Texas Instruments SN65HVD22P Datasheet HTML 2Page - Texas Instruments SN65HVD22P Datasheet HTML 3Page - Texas Instruments SN65HVD22P Datasheet HTML 4Page - Texas Instruments SN65HVD22P Datasheet HTML 5Page - Texas Instruments SN65HVD22P Datasheet HTML 6Page - Texas Instruments SN65HVD22P Datasheet HTML 7Page - Texas Instruments SN65HVD22P Datasheet HTML 8Page - Texas Instruments SN65HVD22P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
4
POWER DISSIPATION RATINGS
PACKAGE
CIRCUIT BOARD
MODEL
TA ≤ 25°C
POWER RATING
DERATING FACTOR(3)
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
Low-K(1)
577 mW
4.62 mW/
°C
369 mW
300 mW
D
High-K(2)
913 mW
7.3 mW/
°C
584 mW
474 mW
P
Low-K(1)
984 mW
7.87 mW/
°C
630 mW
512 mW
P
High-K(2)
1344 mW
10.8 mW/
°C
860 mW
700 mW
(1) In accordance with the Low-K thermal metric definitions of EIA/JESD51−3.
(2) In accordance with the High-K thermal metric definitions of EIA/JESD51−7.
(3) This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUE
UNITS
θJB
Junction-to-board thermal resistance
D
86.2
θJB
Junction-to-board thermal resistance
P
56
°C/W
θJC
Junction-to-case thermal resistance
D
47.1
°C/W
θJC
Junction-to-case thermal resistance
P
54
HVD20
VCC = 5 V, TJ = 25°C,
25 Mbps
295
HVD21
VCC = 5 V, TJ = 25 C,
RL = 54 Ω, CL = 50 pF (driver),
C = 15 pF (receiver),
5 Mbps
260
Typical
HVD22
RL = 54 , CL = 50 pF (driver),
CL = 15 pF (receiver),
50% Duty cycle square-wave signal,
500 kbps
233
Typical
HVD23
50% Duty cycle square-wave signal,
Driver and receiver enabled
25 Mbps
302
PD
Device power dissipation
HVD24
Driver and receiver enabled
5 Mbps
267
mW
PD
Device power dissipation
HVD20
25 Mbps
408
mW
HVD21
VCC = 5.5 V, TJ = 125°C,RL = 54 Ω,
C = 50 pF, C = 15 pF (receiver),
5 Mbps
342
Worst case
HVD22
VCC = 5.5 V, TJ = 125 C,RL = 54 ,
CL = 50 pF, CL = 15 pF (receiver),
50% Duty cycle square-wave signal,
500 kbps
300
Worst case
HVD23
50% Duty cycle square-wave signal,
Driver and receiver enabled
25 Mbps
417
HVD24
Driver and receiver enabled
5 Mbps
352
TSD
Thermal shut-down junction temperature
170
°C
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Voltage at any bus I/O terminal
A, B
−20
25
V
High-level input voltage, VIH
D, DE, RE
2
VCC
V
Low-level input voltage, VIL
D, DE, RE
0
0.8
V
Differential input voltage, VID
A with respect to B
−25
25
V
Output current
Driver
−110
110
mA
Output current
Receiver
−8
8
mA
Operating free-air temperature, TA(1)
−40
85
°C
Junction temperature, TJ
−40
130
°C
(1) Maximum free-air temperature operation is allowed as long as the device recommended junction temperature is not exceeded.


Similar Part No. - SN65HVD22P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD22P TI-SN65HVD22P Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD22P TI-SN65HVD22P Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD22P TI-SN65HVD22P Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD22PE4 TI-SN65HVD22PE4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD22PE4 TI-SN65HVD22PE4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD22P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com