Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS35 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # PS35
Description  Surface Mount Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PS35 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  PS35 Datasheet HTML 1Page - GOOD-ARK Electronics PS35 Datasheet HTML 2Page - GOOD-ARK Electronics PS35 Datasheet HTML 3Page - GOOD-ARK Electronics PS35 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PS35 thru PS36
Surface Mount Schottky Rectifier
Reverse Voltage 50~60V Forward Current 3.0A
Package Outline Dimensions
Packing Information
Packing quantities:
Tape & Reel Specification
Soldering footprint
Package
Unit:mm
MIN
MAX
A
0.75
0.90
B
0.85
1.05
B1
0.85
1.05
C
0.1
0.25
D
1.9
2.1
E
2.9
3.1
L1
2.0
2.45
L2
0.4
0.85
L3
1.3
1.7
HE
3.5
3.9
iSGA
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
3K
30K
120K
www.goodark.com
3/4
2016.05-Rev.A


Similar Part No. - PS35

ManufacturerPart #DatasheetDescription
logo
Shanghai Cyanlite Techn...
PS35W215 CYANLITE-PS35W215 Datasheet
1,010Kb / 6P
   Sidelite LED Panel Lights for T15/T24 Lay-On Ceilings
PS35W313H CYANLITE-PS35W313H Datasheet
1Mb / 8P
   LED Panel Lights HO330 Series for Hook-Over/ C-Channel/ C-Profile/ C-Bandraster/ Post-Cap/ Metal Ceiling
PS35W314H CYANLITE-PS35W314H Datasheet
1Mb / 8P
   LED Panel Lights HO330 Series for Hook-Over/ C-Channel/ C-Profile/ C-Bandraster/ Post-Cap/ Metal Ceiling
PS35W315 CYANLITE-PS35W315 Datasheet
1,010Kb / 6P
   Sidelite LED Panel Lights for T15/T24 Lay-On Ceilings
PS35W315C CYANLITE-PS35W315C Datasheet
1Mb / 8P
   LED Panel Lights CI150 Series for Clip-In Metal Ceiling
More results

Similar Description - PS35

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com