Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC0306U Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SGC0306U
Description  Surface Mount Glass Passivated superfast recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0306U Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SGC0306U Datasheet HTML 1Page - GOOD-ARK Electronics SGC0306U Datasheet HTML 2Page - GOOD-ARK Electronics SGC0306U Datasheet HTML 3Page - GOOD-ARK Electronics SGC0306U Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SGC0303U thru SGC0306U
Surface Mount Glass Passivated superfast recovery Rectifier
Reverse Voltage 200~800V Forward Current 3A
www.goodark.com
2/4
2014.06-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 1. Typical Instantaneous Forward 
Characteristics 
Figure 3. Typical Instantaneous Reverse 
Characteristics 
Figure 4. Typical Junction Capacitance
Figure 5.Forward Current Derating 
Curve
www.goodark.com
2/4
2014.06-Rev.A


Similar Part No. - SGC0306U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0306A GOOD-ARK-SGC0306A Datasheet
203Kb / 4P
   Surface Mount Glass Passivated Rectifier
SGC0306AU GOOD-ARK-SGC0306AU Datasheet
206Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC0306U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES2A GOOD-ARK-ES2A Datasheet
365Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
DIYI Electronic Technol...
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com