Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC0406A Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SGC0406A
Description  Surface Mount Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0406A Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SGC0406A Datasheet HTML 1Page - GOOD-ARK Electronics SGC0406A Datasheet HTML 2Page - GOOD-ARK Electronics SGC0406A Datasheet HTML 3Page - GOOD-ARK Electronics SGC0406A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SGC0401A thru SGC0407A
Surface Mount Glass Passivated Rectifier
Reverse Voltage 50~1000V Forward Current 4A
www.goodark.com
4/4
2014.06-Rev.A
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the Suzhou
Good-Ark product best suited to the customer’s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Suzhou Good-Ark Electronics Co., Ltd.or a
intellectual property rights, or any other rights, belonging to Suzhou Good Ark Electronics Co., Ltd.or a
third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or infringement of
any third-party ’ s rights, originating in the use of any product data, diagrams, charts, programs,
algorithms, or circuit application examples contained in these materials.
All information contained in these materials including product data diagrams charts programs and
All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are
subject to change by Suzhou Good-Ark Electronics Co., Ltd. without notice due to product
improvements or other reasons. It is therefore recommended that customers contact Suzhou Good-
Ark Electronics Co., Ltd. or an authorized Suzhou Good-Ark Electronics Co., Ltd. for the latest product
information before purchasing a product listed herein. The information described here may contain
technical inaccuracies or typographical errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no
ibilit f
d
li bilit
th
l
ii
f
th
ii
Pl
responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please
also pay attention to information published by Suzhou Good-Ark Electronics Co., Ltd. by various
means, including our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a total
g
pg
g
system before making a final decision on the applicability of the information and products. Suzhou
Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, liability or other loss
resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further details on
these materials or the products contained herein.
www.goodark.com
4/4
2014.06-Rev.A


Similar Part No. - SGC0406A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0406U GOOD-ARK-SGC0406U Datasheet
200Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
More results

Similar Description - SGC0406A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com