Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC0502A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC0502A
Description  Surface Mount Glass Passivated Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0502A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC0502A Datasheet HTML 1Page - GOOD-ARK Electronics SGC0502A Datasheet HTML 2Page - GOOD-ARK Electronics SGC0502A Datasheet HTML 3Page - GOOD-ARK Electronics SGC0502A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC0501A thru SGC0507A
Surface Mount Glass Passivated Rectifier
Reverse Voltage 50~1000V Forward Current 5A
www.goodark.com
1/4
2015.12-Rev.B
Features
• Glass passivated standard rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
eSGC (TO‐277)
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile - typical height of 1.1 mm
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
li
d th
li
ti
Anode 1
Anode 2
Cathode
& Heatsink
eSGC (TO 277)   
power supplies, and other consumer applications.
VRRM
50
100
200
400
600
800
1000
V
Unit
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
SGC0501
A
SGC0502
A
SGC0503
A
SGC0504
A
SGC0505
A
SGC0506
A
SGC0507
A
Maximum repetitive peak reverse
voltage
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
(1)
A
IFSM
A
voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
current
5.0
Peak forward surge current 8.3 ms
single half sine-wave superimposed on
rated load
150
TJ,
TSTG
°C
SGC0507
A
Unit
SGC0502
A
rated load
Operating junction and storage
temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
SGC0501
A
SGC0503
A
SGC0504
A
SGC0505
A
SGC0506
A
Maximum
instantaneous
forward voltage
IF=5 A ,TA=25℃
VF
Volts
TA=25℃
TA=125℃
µA
100
1.1
Maximum DC
reverse current at
rated DC blocking
voltage
IR
5
I
F=0.5A,IR=1.0A,
I
rr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
juntion to mount
RθJM
juntion to ambient
RθJA
Notes: 1)Thermal resistance RθJM is junction to mount.Mounted on P.C.B with 30*30mm copper pad area
Typical reverse
recovery time
trr
3.4
uS
30
Typical thermal
resistance1)
5
30
℃/W
www.goodark.com
1/4
2015.12-Rev.B


Similar Part No. - SGC0502A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0503U GOOD-ARK-SGC0503U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0504U GOOD-ARK-SGC0504U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0505U GOOD-ARK-SGC0505U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0506U GOOD-ARK-SGC0506U Datasheet
196Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
More results

Similar Description - SGC0502A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com