Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC0504U Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGC0504U
Description  Surface Mount Glass Passivated superfast recovery Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGC0504U Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGC0504U Datasheet HTML 1Page - GOOD-ARK Electronics SGC0504U Datasheet HTML 2Page - GOOD-ARK Electronics SGC0504U Datasheet HTML 3Page - GOOD-ARK Electronics SGC0504U Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGC0503U thru SGC0506U
Surface Mount Glass Passivated superfast recovery Rectifier
Reverse Voltage 200~800V Forward Current 5A
www.goodark.com
1/4
2014.06-Rev.A
Features
• Glass passivated Superfast Recovery rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• Low profile - typical height of 1.1 mm
Typical Applications
Anode 
Anode 2
Cathode
& Heatsink
Typical Applications
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
Maximum Ratings (TA = 25 °C unless otherwise noted)
VRRM
200
400
600
800
V
VRMS
140
280
420
560
V
VDC
200
400
600
800
V
IF(AV)
1)
A
IF(AV)
2)
Parameter
Symbol
SGC0503U
SGC0504U
SGC0505U
SGC0506U
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
5.0
3.0
Pk f
d
t 8 3
il
IFSM
A
TJ, TSTG
°C
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
150
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Maximum instantaneous
forward voltage
5 A
VF
0.95
1.3
Volts
TA=25℃
TA=125℃
I
05AI
10A
SGC0503U
SGC0504U
SGC0505U
SGC0506U
Unit
1.7
Maximum DC reverse
current at rated DC
blocking voltage
IR
10
µA
500
Parameter
Test Conditions
Symbol
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
juntion to mount
RθJM 1)
juntion to ambient
RθJA 2)
Notes: 1)Thermal resistance RθJM is junction to mount. Free air,mounted on aluminum P.C.B with recommended copper pad
2)Thermal resistance RθJA is junction to ambient.Mounted on P.C.B with 30*30mm copper pad area
Typical thermal
resistance
15
℃/W
40
Maximum reverse
recovery time
trr
35
nS
22
www.goodark.com
1/4
2014.06-Rev.A


Similar Part No. - SGC0504U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC0504A GOOD-ARK-SGC0504A Datasheet
207Kb / 4P
   Surface Mount Glass Passivated Rectifier
More results

Similar Description - SGC0504U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L3U1 GOOD-ARK-L3U1 Datasheet
201Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
L2U1 GOOD-ARK-L2U1 Datasheet
194Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0303U GOOD-ARK-SGC0303U Datasheet
195Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
SGC0403U GOOD-ARK-SGC0403U Datasheet
200Kb / 4P
   Surface Mount Glass Passivated superfast recovery Rectifier
FU1 GOOD-ARK-FU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES5A GOOD-ARK-ES5A Datasheet
319Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
ES2A GOOD-ARK-ES2A Datasheet
365Kb / 5P
   Surface Mount Glass Passivated Superfast Rectifier
FU6 GOOD-ARK-FU6 Datasheet
363Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
PU1 GOOD-ARK-PU1 Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Superfast Rectifier
logo
DIYI Electronic Technol...
ES1AN DYELEC-ES1AN Datasheet
1Mb / 2P
   1.0AMP SURFACE MOUNT GLASS SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com