Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGP5U Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SGP5U
Description  Surface Mount Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SGP5U Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SGP5U Datasheet HTML 1Page - GOOD-ARK Electronics SGP5U Datasheet HTML 2Page - GOOD-ARK Electronics SGP5U Datasheet HTML 3Page - GOOD-ARK Electronics SGP5U Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SGP4U thru SGP5U
Surface Mount Glass Passivated High Efficient Rectifiers
Reverse Voltage 400~600V Forward Current 1A
Features
• Low forward voltage drop
• Low leakage current
• Low profile - typical height of 1.0 mm
• Moisture sensitivity: level 1, per J-STD-020
• Glass passivated chip and super fast switching time
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of fast switch rectification in lighting, cellular phone, portable device, power supplies
and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
1 A
VF
Volts
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction
capacitance
4.0 V, 1 MHz
CJ
pF
juntion to ambient
RθJA
juntion to lead
RθJL
Note:1),The thermal resistance from junction to ambient or lead,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
SGP4U
SGP5U
400
280
400
600
420
600
nS
97
6.2
4.3
27
Maximum DC reverse
current
IR
5
Maximum reverse
recovery time
trr
35
25
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
Unit
SGP4U
SGP5U
Maximum repetitive peak reverse voltage
Typical thermal
resistance1)
℃/W
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Unit
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
µA
1.3(typ:1.0)
1.7(typ:1.25)
50
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
eSGP(SOD-323F)
www.goodark.com
1/4
2016.01-Rev.A


Similar Part No. - SGP5U

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SGP5A SKTECHNOLGY-SGP5A Datasheet
294Kb / 3P
   Surface Mount Glass Passivated Standard Rectifier
logo
Fairchild Semiconductor
SGP5N60RUF FAIRCHILD-SGP5N60RUF Datasheet
527Kb / 7P
   Short Circuit Rated IGBT
SGP5N60RUFD FAIRCHILD-SGP5N60RUFD Datasheet
616Kb / 8P
   Short Circuit Rated IGBT
More results

Similar Description - SGP5U

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SMBF202H GOOD-ARK-SMBF202H Datasheet
392Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
SGP3U GOOD-ARK-SGP3U Datasheet
373Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
EGF1A TSC-EGF1A Datasheet
55Kb / 2P
   1.0 AMP. Surface Mount Glass Passivated Junction High Efficient Rectifiers
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com