Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVT543PWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVT543PWR
Description  3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT543PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVT543PWR Datasheet HTML 2Page - Texas Instruments SN74LVT543PWR Datasheet HTML 3Page - Texas Instruments SN74LVT543PWR Datasheet HTML 4Page - Texas Instruments SN74LVT543PWR Datasheet HTML 5Page - Texas Instruments SN74LVT543PWR Datasheet HTML 6Page - Texas Instruments SN74LVT543PWR Datasheet HTML 7Page - Texas Instruments SN74LVT543PWR Datasheet HTML 8Page - Texas Instruments SN74LVT543PWR Datasheet HTML 9Page - Texas Instruments SN74LVT543PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN54LVT543, SN74LVT543
3.3-V ABT OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS137D – MAY 1992 – REVISED JULY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVT543
SN74LVT543
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration,
LEAB or LEBA low
3.3
3.3
3.3
3.3
ns
A or B before LEAB or
Data high
0
0
0
0
t
Setup time
LEBA
Data low
0.8
1.1
0.8
1.1
ns
tsu
Setup time
A or B before CEAB or
Data high
0
0
0
0
ns
CEBA
Data low
0.9
1.2
0.9
1.2
th
Hold time
A or B after LEAB or LEBA
1.7
1.7
1.7
1.7
ns
th
Hold time
A or B after CEAB or CEBA
1.8
1.8
1.8
1.8
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVT543
SN74LVT543
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
AorB
BorA
1
4.9
5.7
1
2.9
4.7
5.5
ns
tPHL
A or B
B or A
1
4.8
6
1
3.3
4.6
5.8
ns
tPLH
LE
AorB
1
6.1
7.5
1
4
5.9
7.3
ns
tPHL
LE
A or B
1
5.9
7.5
1
4.1
5.7
7.3
ns
tPZH
OE
AorB
1
6
7.8
1
4.1
5.8
7.6
ns
tPZL
OE
A or B
1.1
6.6
8.4
1.1
4.5
6.4
8.2
ns
tPHZ
OE
AorB
2.4
6.7
7.3
2.4
4.8
6.5
7.1
ns
tPLZ
OE
A or B
2
6
6.1
2
4
5.8
5.9
ns
tPZH
CE
AorB
1
6.2
7.8
1
4.2
6
7.6
ns
tPZL
CE
A or B
1.4
6.9
8.5
1.4
4.7
6.7
8.3
ns
tPHZ
CE
AorB
2.3
6.6
7.3
2.3
4.7
6.4
7.1
ns
tPLZ
CE
A or B
2
5.6
5.8
2
3.8
5.4
5.6
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVT543PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT543PWR TI-SN74LVT543PWR Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT543PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543 Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543 TI-SN74LVTH543 Datasheet
353Kb / 14P
[Old version datasheet]   3.3 V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com