Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD20DR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD20DR
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD20DR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD20DR Datasheet HTML 7Page - Texas Instruments SN65HVD20DR Datasheet HTML 8Page - Texas Instruments SN65HVD20DR Datasheet HTML 9Page - Texas Instruments SN65HVD20DR Datasheet HTML 10Page - Texas Instruments SN65HVD20DR Datasheet HTML 11Page - Texas Instruments SN65HVD20DR Datasheet HTML 12Page - Texas Instruments SN65HVD20DR Datasheet HTML 13Page - Texas Instruments SN65HVD20DR Datasheet HTML 14Page - Texas Instruments SN65HVD20DR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
11
Voltage
Source
IOS
VO
Figure 9. Driver Short-Circuit Test
IO
VO
VID
Figure 10. Receiver DC Parameter Definitions
50
Signal
Generator
CL = 15 pF
50
Signal
Generator
A
VID
B
R
IO
VO
50%
90%
10%
1.5 V
0 V
VOH
VOL
tPLH
tPHL
tr
tf
Input B
Input A
Output
1.5 V
Figure 11. Receiver Switching Test Circuit and Waveforms
50
Signal
Generator
RE
B
A
54
CL = 15 pF
R
1 k
0 V
VCC
VCC
D
DE
RE
R
1.5 V
tPZH
tPHZ
3 V
0 V
VOH
VOH −0.5 V
GND
1.5 V
Figure 12. Receiver Enable Test Circuit and Waveforms, Data Output High


Similar Part No. - SN65HVD20DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD20DR TI-SN65HVD20DR Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20DR TI-SN65HVD20DR Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20DRG4 TI-SN65HVD20DRG4 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20DRG4 TI-SN65HVD20DRG4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD20DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20 TI-SN65HVD20_07 Datasheet
581Kb / 28P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com