Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C6416GHKA100 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMP320C6416GHKA100
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6416GHKA100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP320C6416GHKA100 Datasheet HTML 5Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 6Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 7Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 8Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 9Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 10Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 11Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 12Page - Texas Instruments TMP320C6416GHKA100 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
TMS320C6205
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS106E − OCTOBER 1999 − REVISED MARCH 2004
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6205 device. The C6205 device has the capability of
a MAP 0 or MAP 1 memory block configuration. The maps differ in that MAP 0 has external memory mapped
at address 0x0000 0000 and MAP 1 has internal memory mapped at address 0x0000 0000. These memory
block configurations are set up at reset by the boot configuration pins (generically called BOOTMODE[4:0]). For
the C6205 device, the BOOTMODE configuration is handled, at reset, by the expansion bus module (specifically
XD[4:0] pins). For more detailed information on the C6205 device settings, which include the device boot mode
configuration at reset and other device-specific configurations, see TMS320C620x/C670x DSP Boot Modes
and Configuration
(literature number SPRU642).
Table 2. TMS320C6205 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE
HEX ADDRESS RANGE
MAP 0
MAP 1
BLOCK SIZE
(BYTES)
HEX ADDRESS RANGE
External Memory Interface (EMIF) CE0
Internal Program RAM
64K
0000 0000 – 0000 FFFF
EMIF CE0
Reserved
4M – 64K
0001 0000 – 003F FFFF
EMIF CE0
EMIF CE0
12M
0040 0000 – 00FF FFFF
EMIF CE1
EMIF CE0
4M
0100 0000 – 013F FFFF
Internal Program RAM
EMIF CE1
64K
0140 0000 – 0140 FFFF
Reserved
EMIF CE1
4M – 64K
0141 0000 – 017F FFFF
EMIF Registers
256K
0180 0000 – 0183 FFFF
DMA Controller Registers
256K
0184 0000 – 0187 FFFF
Reserved
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
Reserved
256K
01A0 0000 – 01A3 FFFF
PCI Registers
320K
01A4 0000 – 01A8 FFFF
Reserved
6M – 576K
01A9 0000 – 01FF FFFF
EMIF CE2
16M
0200 0000 – 02FF FFFF
EMIF CE3
16M
0300 0000 – 03FF FFFF
Reserved
2G – 64M
0400 0000 – 7FFF FFFF
Internal Data RAM
64K
8000 0000 – 8000 FFFF
Reserved
2G – 64K
8001 0000 – FFFF FFFF


Similar Part No. - TMP320C6416GHKA100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C6416CGLZ300 TI-TMP320C6416CGLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6416CGLZ5E0 TI-TMP320C6416CGLZ5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6416CGLZA300 TI-TMP320C6416CGLZA300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6416CGLZA5E0 TI-TMP320C6416CGLZA5E0 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMP320C6416CZLZ300 TI-TMP320C6416CZLZ300 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMP320C6416GHKA100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com