Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE2432DXA Datasheet(PDF) 9 Page - ON Semiconductor

Part # LE2432DXA
Description  32 kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2432DXA Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LE2432DXA Datasheet HTML 5Page - ON Semiconductor LE2432DXA Datasheet HTML 6Page - ON Semiconductor LE2432DXA Datasheet HTML 7Page - ON Semiconductor LE2432DXA Datasheet HTML 8Page - ON Semiconductor LE2432DXA Datasheet HTML 9Page - ON Semiconductor LE2432DXA Datasheet HTML 10Page - ON Semiconductor LE2432DXA Datasheet HTML 11Page - ON Semiconductor LE2432DXA Datasheet HTML 12Page - ON Semiconductor LE2432DXA Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LE2432DXA
www.onsemi.com
9
4) Acknowledge Bit (ACK)
The Acknowledge Bit is used to indicate a successful byte data transfer. The receiver sends a zero to
acknowledge that it has received each word (Device Code, Slave Address etc) from the transmitter.
5) Device addressing
To transmit between the bus master and slave device (EEPROM), the master must send a Start condition
to the EEPROM. The device address word of the EEPROM consists of 4-bit Device Code, 3-bit Slave
Device address code and 1-bit read/write code. By sending these, it becomes possible to communicate
between the bus master and the EEPROM.
The upper 4-bit of the device address word are called the Device Code, the Device Code of the EEPROM
uses 1010b fixed code. This device has the 3-bit of the Slave Device address as the Slave address (S0,
S1, S2). The value of S0 and S1 fixed S0=0, S1=0 internally. This device can connect up to two devices
on the bus controlled by S2 value.
When the Device Code is received on the SDA, the device only responds if Slave address pin tied to VCC
or GND is the same as the Slave address signal input. The 8
th bit is the read/write bit. The bit is set to 1 for
Read operation and 0 for Write operation. If a match occurs on the Device Code, the corresponding
device gives an acknowledgement on SDA during the 9
th bit time. If device does not match the Device
Code, it deselects itself from the bus, and goes into the Standby mode. Use the Random Read command
when you execute reading after the slave device was switched.
1
0
1
0
S2
S1
S0
R/W
S2 is selected by TEST-pin, S1=0(Fix), S0=0(Fix)
Device Code
Slave
Address
MSB
LSB
Device address word
Acknowledge
Bit output
Start
condition
1
SCL
(From Transmitter)
SDA
(From Transmitter)
SDA
(EEPROM output)
8
9
tAA
tDH


Similar Part No. - LE2432DXA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2432RDXATDG ONSEMI-LE2432RDXATDG Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results

Similar Description - LE2432DXA

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com