Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE2432RDXATDG Datasheet(PDF) 4 Page - ON Semiconductor

Part # LE2432RDXATDG
Description  32 kb I2C CMOS Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE2432RDXATDG Datasheet(HTML) 4 Page - ON Semiconductor

  LE2432RDXATDG Datasheet HTML 1Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 2Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 3Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 4Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 5Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 6Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 7Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 8Page - ON Semiconductor LE2432RDXATDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LE2432RDXA
www.onsemi.com
4
Standard (100 kHz)
Parameter
Symbol
Spec.
Unit
min
typ
max
Slave mode SCL clock frequency
fSCLS
0
100
kHz
SCL clock low time
tLOW
4700
ns
SCL clock high time
tHIGH
4000
ns
SDA output delay time
tAA
100
3500
ns
SDA data output hold time
tDH
100
ns
Start condition setup time
tSU.STA
4700
ns
Start condition hold time
tHD.STA
4000
ns
Data in setup time
tSU.DAT
250
ns
Data in hold time
tHD.DAT
0
ns
Stop condition setup time
tSU.STO
4000
ns
SCL SDA rise time
tR
1000
ns
SCL SDA fall time
tF
300
ns
Bus release time
tBUF
4700
ns
Noise suppression time
tSP
50
ns
Write time
tWC
5
ms
AC measurement condition
Input pulse level
0.2
 VDD to 0.8  VDD
Input pulse rise / fall time
20 ns
Output timing reference level
0.5
 VDD
Output load
100 pF


Similar Part No. - LE2432RDXATDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
LE2432DXATBG ONSEMI-LE2432DXATBG Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results

Similar Description - LE2432RDXATDG

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C32 CATALYST-CAT24C32 Datasheet
527Kb / 18P
   32-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com