Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1207BDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1207BDR2G
Description  PWM Current-Mode Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1207BDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1207BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 10Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 11Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 12Page - ON Semiconductor NCP1207BDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCP1207A, NCP1207B
www.onsemi.com
9
The DSS behavior actually depends on the internal IC
consumption and the MOSFET’s gate charge Qg. If we
select a MOSFET like the MTP2N60E, Qg equals 22 nC
(max). With a maximum switching frequency selected at
75 kHz, the average power necessary to drive the MOSFET
(excluding the driver efficiency and neglecting various
voltage drops) is:
Fsw
⋅ Qg ⋅ VCC with:
Fsw = maximum switching frequency
Qg = MOSFET’s gate charge
VCC = VGS level applied to the gate
To obtain the output current, simply divide this result by
VCC: Idriver = FSW
⋅ Qg = 1.6 mA. The total standby power
consumption at no−load will therefore heavily rely on the
internal IC consumption plus the above driving current
(altered by the driver’s efficiency). Suppose that the IC is
supplied from a 350 VDC line. The current flowing through
pin 8 is a direct image of the NCP1207A/B consumption
(neglecting the switching losses of the HV current source).
If ICC2 equals 2.3 mA @ TJ = 60
°C, then the power
dissipated (lost) by the IC is simply: 350 V x 2.3 mA =
805 mW. For design and reliability reasons, it would be
interested to reduce this source of wasted power that
increase the die temperature. This can be achieved by using
different methods:
1. Use a MOSFET with lower gate charge Qg.
2. Connect pin 8 through a diode (1N4007 typically) to
one of the mains input. The average value on pin 8
becomes
VmainsPEAK
@ 2
p
. Our power contribution
example drops to: 223 V x 2.3 mA = 512 mW. If a
resistor is installed between the mains and the diode,
you further force the dissipation to migrate from the
package to the resistor. The resistor value should
account for low−line startups.
1
2
3
4
8
7
6
5
HV
1N4007
MAINS
6
5
12
Figure 13. A simple diode naturally reduces the
average voltage on Pin 8
Cbulk
When using Figure 13 option, it is important to check
the absence of any negative ringing that could occur
on pin 8. The resistor in series should help to damp
any parasitic LC network that would ring when
suddenly applying the power to the IC. Also, since
the power disappears during 10 ms (half−wave
rectification), CVCC should be calculated to supply
the IC during these holes in the supply
3. Permanently force the VCC level above VCCH with
an
auxiliary
winding.
It
will
automatically
disconnect the internal startup source and the IC will
be fully self−supplied from this winding. Again, the
total power drawn from the mains will significantly
decrease. Make sure the auxiliary voltage never
exceeds the 16 V limit.
Skipping Cycle Mode
The NCP1207A/B automatically skips switching cycles
when the output power demand drops below a given level.
This is accomplished by monitoring the FB pin. In normal
operation, Pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level, the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 14) and
follows the following formula:
1
2
@ Lp @ Ip2 @ Fsw @ Dburst with:
Lp = primary inductance
Fsw = switching frequency within the burst
Ip = peak current at which skip cycle occurs
Dburst = burst width / burst recurrence
Figure 14. The skip cycle takes place at low peak
currents which guaranties noise free operation
0
300
200
100
MAX PEAK
CURRENT
WIDTH
RECURRENCE
SKIP CYCLE
CURRENT LIMIT
NORMAL CURRENT
MODE OPERATION


Similar Part No. - NCP1207BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1207BDR2G ONSEMI-NCP1207BDR2G Datasheet
254Kb / 15P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
December, 2010 -- Rev. 11
NCP1207BDR2G ONSEMI-NCP1207BDR2G Datasheet
264Kb / 17P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2007 - Rev. 8
NCP1207BDR2G ONSEMI-NCP1207BDR2G Datasheet
490Kb / 21P
   PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
September, 2022 - Rev. 15
More results

Similar Description - NCP1207BDR2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com