Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP114AMX150TCG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP114AMX150TCG
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114AMX150TCG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP114AMX150TCG Datasheet HTML 4Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 5Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 6Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 7Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 8Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 9Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 10Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 11Page - ON Semiconductor NCP114AMX150TCG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NCP114
www.onsemi.com
8
TYPICAL CHARACTERISTICS
100
FREQUENCY (kHz)
Figure 23. Power Supply Rejection Ratio,
VOUT = 2.8 V, COUT = 1 mF
FREQUENCY (kHz)
Figure 24. Power Supply Rejection Ratio,
VOUT = 2.8 V, COUT = 4.7 mF
100
IOUT, OUTPUT CURRENT (mA)
0
Figure 25. Output Capacitor ESR vs. Output
Current
0.1
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
IOUT = 300 mA
1
10000
1000
10
100
100
10
1
0.1
0.01
50
100
150
200
250
300
VIN = 5.5 V
CIN = 1 mF
COUT = 1 mF
MLCC, X7R,
1206 size
UNSTABLE OPERATION
STABLE OPERATION
0.1
1
10000
1000
10
100
90
80
70
60
50
40
30
20
10
0
90
80
70
60
50
40
30
20
10
0
VIN = 3.8 V, VOUT = 2.8 V
CIN = none, COUT = 1 mF
MLCC, X7R,
1206 size
IOUT = 1 mA
IOUT = 10 mA
IOUT = 150 mA
IOUT = 300 mA
VIN = 3.8 V, VOUT = 2.8 V
CIN = none, COUT = 4.7 mF
MLCC, X7R,
1206 size


Similar Part No. - NCP114AMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114AMX150TCG ONSEMI-NCP114AMX150TCG Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP114AMX150TCG ONSEMI-NCP114AMX150TCG Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114AMX150TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com